Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8231ADI-03 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ8231ADI-03
Description  one-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8231ADI-03 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ8231ADI-03 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8231ADI-03 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 1.3 November 2012
www.aosmd.com
Page 4 of 7
AOZ8231A
Typical Performance Characteristics
Clamping Voltage vs. Peak Pulse Current
(tperiod = 100 ns, tr = 1 ns)
Peak Pulse Current, IPP (A)
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
5V
12V
8V
3.3V
2.5V
24V
0
0.2
0.4
0.6
0.8
1.0
1.2
0
2
4
6
8
10
12
14
16
18
20
22
24
Typical Variation of CIN vs. VR
(f = 1 MHz, T = 25 °C)
24V
5V
3.3V
2.5V
12V


Similar Part No. - AOZ8231ADI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231ADI-03 AOSMD-AOZ8231ADI-03 Datasheet
320Kb / 5P
   One-line Bi-directional TVS Diode
Rev. 6.0 June 2021
More results

Similar Description - AOZ8231ADI-03

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8212CI-05L AOSMD-AOZ8212CI-05L Datasheet
302Kb / 6P
   two-line bi-directional transient voltage suppressor diode designed to protect voltage sensitive electronics from high transient conditions and ESD.
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
   The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD9B5VL WILLSEMI-ESD9B5VL Datasheet
460Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5471XZ WILLSEMI-ESD5471XZ Datasheet
476Kb / 7P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5471Z WILLSEMI-ESD5471Z Datasheet
432Kb / 7P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56131W WILLSEMI-ESD56131W Datasheet
409Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56151WXX WILLSEMI-ESD56151WXX Datasheet
538Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD56171D04 WILLSEMI-ESD56171D04 Datasheet
402Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com