Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP4410DY Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HP4410DY
Description  10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HP4410DY Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HP4410DY Datasheet HTML 1Page - Fairchild Semiconductor HP4410DY Datasheet HTML 2Page - Fairchild Semiconductor HP4410DY Datasheet HTML 3Page - Fairchild Semiconductor HP4410DY Datasheet HTML 4Page - Fairchild Semiconductor HP4410DY Datasheet HTML 5Page - Fairchild Semiconductor HP4410DY Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2001 Fairchild Semiconductor Corporation
HP4410DY Rev. B
FIGURE 7. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs
GATE TO SOURCE VOLTAGE
FIGURE 9. GATE THRESHOLD VOLTAGE VARIANCE
vs JUNCTION TEMPERATURE
FIGURE 10. SINGLE PULSE POWER CAPABILITY vs PULSE
WIDTH
FIGURE 11. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
Typical Performance Curves Unless Otherwise Specified (Continued)
1
10
50
0
0.4
0.6
0.8
1.0
1.2
VSD, SOURCE TO DRAIN VOLTAGE (V)
TJ = 25
oC
TJ = 150
oC
1.4
0.2
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
02468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 10A
0
0.02
0.04
0.08
0.06
0.10
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-0.8
-0.6
-0.4
-0.2
0.0
-25
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
0
25
50
75
100
125
-50
150
0.4
0.2
t, PULSE WIDTH (s)
0
20
40
60
80
0.01
0.10
1.00
10.00
t, RECTANGULAR PULSE DURATION (s)
30
1
2
0.1
1
10-1
0.01
10-2
SINGLE PULSE
DUTY CYCLE = 0.5
0.2
10
0.1
0.05
0.02
10-4
10-3
DUTY CYCLE, D = t1/t2
TJ = PD x Z
θJA x RθJA + TA
PDM
t1
t2
SURFACE MOUNTED
HP4410DY


Similar Part No. - HP4410DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
   10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
More results

Similar Description - HP4410DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
   10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
   10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Harris Corporation
RFP10P03L HARRIS-RFP10P03L Datasheet
272Kb / 12P
   10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
   10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
   10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
logo
Fairchild Semiconductor
RF1K49156 FAIRCHILD-RF1K49156 Datasheet
221Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
logo
Intersil Corporation
RF1K49156 INTERSIL-RF1K49156 Datasheet
142Kb / 8P
   6.3A, 30V, 0.030 Ohm, Logic Level, Single N-Channel LittleFET Power MOSFET
August 1999
HUF76112SK8 INTERSIL-HUF76112SK8 Datasheet
255Kb / 12P
   7.5A, 30V, 0.026 Ohm, N-Channel, Logic Level Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com