Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM836-045MA Datasheet(PDF) 2 Page - International Rectifier

Part # IRSM836-045MA
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-045MA Datasheet(HTML) 2 Page - International Rectifier

  IRSM836-045MA Datasheet HTML 1Page - International Rectifier IRSM836-045MA Datasheet HTML 2Page - International Rectifier IRSM836-045MA Datasheet HTML 3Page - International Rectifier IRSM836-045MA Datasheet HTML 4Page - International Rectifier IRSM836-045MA Datasheet HTML 5Page - International Rectifier IRSM836-045MA Datasheet HTML 6Page - International Rectifier IRSM836-045MA Datasheet HTML 7Page - International Rectifier IRSM836-045MA Datasheet HTML 8Page - International Rectifier IRSM836-045MA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IRSM836-045MA
2
www.irf.com
© 2013 International Rectifier
February 3, 2013
Internal Electrical Schematic
IRSM836-045MA
600V
3-Phase
Driver
HVIC
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
ITRIP
EN
VB1 VB2 VB3
V+
VSS
U, VS1
V, VS2
W, VS3
RCIN
VRU
COM
VRV
VRW
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the module may occur. These are not tested at
manufacturing. All voltage parameters are absolute voltages referenced to VSS unless otherwise stated in the table.
Symbol
Description
Min
Max
Unit
BVDSS
MOSFET Blocking Voltage
---
500
V
IO @ T=25°C
DC Output Current per MOSFET
---
4
A
IOP
Pulsed Output Current (Note 1)
---
35
Pd @ TC=25°C
Maximum Power Dissipation per MOSFET
---
24
W
VISO
Isolation Voltage (1min) (Note 2)
---
1500
VRMS
TJ
Operating Junction Temperature
-40
150
°C
TL
Lead Temperature (Soldering, 30 seconds)
---
260
°C
TS
Storage Temperature
-40
150
°C
VS1,2,3
High Side Floating Supply Offset Voltage
VB1,2,3 - 20
VB1,2,3 +0.3
V
VB1,2,3
High Side Floating Supply Voltage
-0.3
500
V
VCC
Low Side and Logic Supply voltage
-0.3
20
V
VIN
Input Voltage of LIN, HIN, ITRIP, EN, RCIN, FLT
VSS -0.3
VCC+0.3
V
Note 1: Pulse Width = 100µs, TC =25°C, Duty=1%.
Note 2: Characterized, not tested at manufacturing


Similar Part No. - IRSM836-045MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-045MA IRF-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
967Kb / 30P
   iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
IRSM836-045MATR INFINEON-IRSM836-045MATR Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM836-045MA IRF-IRSM836-045MA_15 Datasheet
556Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM836-045MA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com