Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRSM836-035MB Datasheet(PDF) 3 Page - International Rectifier

Part # IRSM836-035MB
Description  Integrated Power Module for Small Appliance Motor Drive Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRSM836-035MB Datasheet(HTML) 3 Page - International Rectifier

  IRSM836-035MB Datasheet HTML 1Page - International Rectifier IRSM836-035MB Datasheet HTML 2Page - International Rectifier IRSM836-035MB Datasheet HTML 3Page - International Rectifier IRSM836-035MB Datasheet HTML 4Page - International Rectifier IRSM836-035MB Datasheet HTML 5Page - International Rectifier IRSM836-035MB Datasheet HTML 6Page - International Rectifier IRSM836-035MB Datasheet HTML 7Page - International Rectifier IRSM836-035MB Datasheet HTML 8Page - International Rectifier IRSM836-035MB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
IRSM836-035MB
3
www.irf.com
© 2013 International Rectifier
February 3, 2013
Recommended Operating Conditions
Symbol
Description
Min
Max
Unit
V+
Positive DC Bus Input Voltage
---
400
V
VS1,2,3
High Side Floating Supply Offset Voltage
(Note 3)
400
V
VB1,2,3
High Side Floating Supply Voltage
VS+12
VS+20
V
VCC
Low Side and Logic Supply Voltage
13.5
16.5
V
VIN
Input Voltage of LIN, HIN, ITRIP, EN, FLT
0
5
V
Fp
PWM Carrier Frequency
---
20
kHz
The Input/Output logic diagram is shown in Figure 1. For proper operation the module should be used within the
recommended conditions. All voltages are absolute referenced to COM. The VS offset is tested with all supplies biased at 15V
differential.
Note 3: Logic operational for Vs from COM-5V to COM+250V. Logic state held for Vs from COM-5V to COM-VBS.
Static Electrical Characteristics
(VCC-COM) = (VB-VS) = 15 V. TA = 25
oC unless otherwise specified. The V
IN and IIN parameters are referenced to VSS and are
applicable to all six channels. The V
CCUV parameters are referenced to VSS. The VBSUV parameters are referenced to VS.
Symbol
Description
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source Breakdown Voltage
500
---
---
V
TJ=25°C, ILK=250µA
ILKH
Leakage Current of High Side FET’s in
Parallel
10
µA
TJ=25°C, VDS=500V
ILKL
Leakage Current of Low Side FET’s in
Parallel Plus Gate Drive IC
15
µA
TJ=25°C, VDS=500V
RDS(ON)
Drain to Source ON Resistance
---
1.85
2.2
Ω
TJ=25°C, VCC=15V, Id = 1A
VIN,th+
Positive Going Input Threshold
2.5
---
---
V
VIN,th-
Negative Going Input Threshold
---
---
0.8
V
VCCUV+,
VBSUV+
VCC and VBS Supply Under-Voltage,
Positive Going Threshold
8
8.9
9.8
V
VCCUV-,
VBSUV-
VCC and VBS supply Under-Voltage,
Negative Going Threshold
7.4
8.2
9
V
VCCUVH,
VBSUVH
VCC and VBS Supply Under-Voltage
Lock-Out Hysteresis
---
0.7
---
V
IQBS
Quiescent VBS Supply Current VIN=0V
---
---
125
µA
IQCC
Quiescent VCC Supply Current VIN=0V
---
---
3.35
mA
IQCC, ON
Quiescent VCC Supply Current VIN=4V
---
---
10
mA
IIN+
Input Bias Current VIN=4V
---
100
160
µA
IIN-
Input Bias Current VIN=0V
---
--
1
µA
ITRIP+
ITRIP Bias Current VITRIP=4V
---
5
40
µA
ITRIP-
ITRIP Bias Current VITRIP=0V
---
--
1
µA
VIT, TH+
ITRIP Threshold Voltage
0.37
0.46
0.55
V
VIT, TH-
ITRIP Threshold Voltage
---
0.4
---
V


Similar Part No. - IRSM836-035MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MB IRF-IRSM836-035MB Datasheet
536Kb / 19P
   Integrated gate drivers and bootstrap functionality
logo
Infineon Technologies A...
IRSM836-035MB INFINEON-IRSM836-035MB Datasheet
536Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MBTR INFINEON-IRSM836-035MBTR Datasheet
536Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
logo
International Rectifier
IRSM836-035MB IRF-IRSM836-035MB_15 Datasheet
536Kb / 19P
   Integrated gate drivers and bootstrap functionality
More results

Similar Description - IRSM836-035MB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRSM836-035MA IRF-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
IRSM836-025MA IRF-IRSM836-025MA Datasheet
501Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
logo
Infineon Technologies A...
IRSM506-076 INFINEON-IRSM506-076 Datasheet
858Kb / 17P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 10, 2016
IRSM836-045MA INFINEON-IRSM836-045MA Datasheet
556Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM505-015PA INFINEON-IRSM505-015PA Datasheet
587Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM505-024 INFINEON-IRSM505-024 Datasheet
583Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-015MA INFINEON-IRSM836-015MA Datasheet
746Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM836-044MA INFINEON-IRSM836-044MA Datasheet
756Kb / 20P
   Integrated Power Module for Small Appliance Motor Drive Applications
March 24, 2015
IRSM505-035 INFINEON-IRSM505-035 Datasheet
569Kb / 16P
   Integrated Power Module for Small Appliance Motor Drive Applications
January 21, 2020
IRSM836-024MA INFINEON-IRSM836-024MA Datasheet
508Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
IRSM836-035MA INFINEON-IRSM836-035MA Datasheet
517Kb / 19P
   Integrated Power Module for Small Appliance Motor Drive Applications
February 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com