Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1270F160GYQAT Datasheet(PDF) 1 Page - E-SWITCH

Part # TL1270F160GYQAT
Description  DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1270F160GYQAT Datasheet(HTML) 1 Page - E-SWITCH

  TL1270F160GYQAT Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P.C.B. LAYOUT
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1270F160GYQAT
4/8/2013
N325002
A
EBP
1
1
FORWARD CURRENT
LUMINOUS INTENSITY
FORWARD VOLTAGE
LED SPECS
UNITS
mA
V
mcd
2.0 TYP. - 2.3 MAX.
6 TYP.
GREEN
20 TYP.
20 TYP.
YELLOW
50 TYP.
2.0 TYP. - 2.3 MAX.
1
2
L1
L2
MOMENTARY SPST
CONTACT CONFIGURATION
YEL
GRN
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 500mW
W
W
W MAX.
5. INSULATION RESISTANCE: 100MW
W
W
W MIN.
6. OPERATING FORCE: 160`50gf
7. TRAVEL: 0.2`0.1mm
8. OPERATING TEMPURATURE: -40~C TO 85~C
9. OPEREATING LIFE: 100,000 CYCLES
10. LED: GREEN (FORWARD), YELLOW (REVERSE)
11.
DENOTES CRITICAL PARAMETERS
12. 2002/95/EC (ROHS) COMPLIANT
13. SWITCH TERMINAL PLATING: SILVER
14. DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
15. PACKAGING: 300 PIECES PER REEL
A
21107
INITIAL RELEASE
4/17/13
EBP
.40
[.016 in]
.50
[.020 in]
2.40
[.094 in]
4.50
[.177 in]
2.20
[.087 in]
.60
[.024 in]
4.20
[.165 in]
.15
[.006 in]
1.50
[.059 in]
TYP
.50
[.020 in]
1.40
[.055 in]
3.55
[.140 in]
3.75
[.148 in]
.20
[.008 in]
.20
[.008 in]
.10
[.004 in]
.65
[.026 in]
6.20
[.244 in]
.80
[.031 in]
4.95
[.195 in]
3.10
[.122 in]
2.20
[.087 in]
4.20
[.165 in]
2.40
[.094 in]
.50
[.020 in]
1.40
[.055 in]
3.55
[.140 in]
3.75
[.148 in]
n.80
[.031 in]
n.95
[.037 in]
n.85
[.033 in]
n.75
[.030 in]
1
2
L2
L1
n7.00
[.276 in]
n4.00
[.157 in]
L1
L2
1
2
5.55
[.219 in]
4.40
[.173 in]
TRANSPARENT
CLEAR CAP
3.20
[.126 in]
1.50
[.059 in]
4.70
[.185 in]


Similar Part No. - TL1270F160GYQAT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
703Kb / 2P
   LED Illumination, Tape & Reel packaging, Right angle design
More results

Similar Description - TL1270F160GYQAT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQAT E-SWITCH-TL1270F160REQAT Datasheet
216Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQBT E-SWITCH-TL1270F160REQBT Datasheet
223Kb / 1P
   DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160BLQAT E-SWITCH-TL1270F160BLQAT Datasheet
216Kb / 1P
   ALL DIMENSIONS IN MM [INCH] DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
   DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
   DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com