Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72260B0251K001 Datasheet(PDF) 2 Page - EPCOS

Part # B72260B0251K001
Description  SIOV metal oxide varistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72260B0251K001 Datasheet(HTML) 2 Page - EPCOS

  B72260B0251K001 Datasheet HTML 1Page - EPCOS B72260B0251K001 Datasheet HTML 2Page - EPCOS B72260B0251K001 Datasheet HTML 3Page - EPCOS B72260B0251K001 Datasheet HTML 4Page - EPCOS B72260B0251K001 Datasheet HTML 5Page - EPCOS B72260B0251K001 Datasheet HTML 6Page - EPCOS B72260B0251K001 Datasheet HTML 7Page - EPCOS B72260B0251K001 Datasheet HTML 8Page - EPCOS B72260B0251K001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
11/07
Please read Cautions and warnings and
Important notes at the end of this document.
Construction
Disk-shaped varistor element,
potted in plastic housing
Housing and potting flame-retardant to UL 94 V-0
Screw terminals M4 (SIOV-B32 … 40)
Screw terminals M5 (SIOV-B60 … 80)
Features
Heavy-duty varistors (surge current capability up to 100 kA)
Wide operating voltage range 75 … 1100 VRMS
SIOV-B40 also available without housing (LS40 series)
PSpice models
Approvals
UL
CSA (≥ K130)
Delivery mode
Cardboard box
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
– 40 … + 85
°C
Storage temperature
– 40 … +110
°C
Electric strength
to CECC 42 000
≥2.5
kVRMS
Insulation resistance
to CECC 42 000
≥10
M
Response time
<25
ns
Max. torque
B32/B40
B60/B80
1.0
2.5
Nm
Nm
Block varistors
HighE series


Similar Part No. - B72260B0251K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72260B0251K001 EPCOS-B72260B0251K001 Datasheet
96Kb / 7P
   Block Varistors HighE Series
More results

Similar Description - B72260B0251K001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com