Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66358G500X127 Datasheet(PDF) 2 Page - EPCOS

Part # B66358G500X127
Description  ETD accessories
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66358G500X127 Datasheet(HTML) 2 Page - EPCOS

  B66358G500X127 Datasheet HTML 1Page - EPCOS B66358G500X127 Datasheet HTML 2Page - EPCOS B66358G500X127 Datasheet HTML 3Page - EPCOS B66358G500X127 Datasheet HTML 4Page - EPCOS B66358G500X127 Datasheet HTML 5Page - EPCOS B66358G500X127 Datasheet HTML 6Page - EPCOS B66358G500X127 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 61185
For SMPS transformers with optimum
weight/performance ratio at small volume
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A = 0.93 mm–1
le
= 70.4 mm
Ae
= 76.0 mm2
Amin = 71.0 mm2
Ve
= 5350 mm3
Approx. weight 28 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL value
nH
μ
e
PV
W/set
Ordering code
N27
2000 +30/–20%
1470
< 1.04 (200 mT, 25 kHz, 100 °C)
B66358G0000X127
N87
2200 +30/–20%
1610
< 2.80 (200 mT, 100 kHz, 100 °C)
B66358G0000X187
N97
2250 +30/–20%
1670
< 2.40 (200 mT, 100 kHz, 100 °C)
B66358G0000X197
Material
g
mm
AL value
approx.
nH
μ
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.10
±0.02
621
457
B66358G0100X1**
N87
0.20
±0.02
383
281
B66358G0200X1**
0.50
±0.05
201
148
B66358G0500X1**
1.00
±0.05
124
91
B66358G1000X1**
FEK0044-8
_
9,8 0,6
22+1,4
30,6 1,6
_
B66358
ETD 29/16/10 through ETD 59/31/22
Core
ETD 29/16/10


Similar Part No. - B66358G500X127

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66358G0000X127 EPCOS-B66358G0000X127 Datasheet
99Kb / 7P
   Ferrites and accessories
B66358G0000X187 EPCOS-B66358G0000X187 Datasheet
99Kb / 7P
   Ferrites and accessories
B66358G0000X197 EPCOS-B66358G0000X197 Datasheet
99Kb / 7P
   Ferrites and accessories
More results

Similar Description - B66358G500X127

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P Datasheet
44Kb / 1P
   ETD cores and accessories
ETD49 FERROXCUBE-ETD49_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD54 FERROXCUBE-ETD54 Datasheet
61Kb / 5P
   ETD cores and accessories
ETD29 FERROXCUBE-ETD29 Datasheet
62Kb / 6P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34 Datasheet
83Kb / 8P
   ETD cores and accessories
ETD34 FERROXCUBE-ETD34_1 Datasheet
17Kb / 1P
   ETD cores and accessories
ETD39 FERROXCUBE-ETD39 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD44 FERROXCUBE-ETD44 Datasheet
62Kb / 5P
   ETD cores and accessories
ETD59 FERROXCUBE-ETD59 Datasheet
61Kb / 5P
   ETD cores and accessories
CPH-ETD44-1S-18P FERROXCUBE-CPH-ETD44-1S-18P Datasheet
97Kb / 1P
   ETD cores and accessories
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com