Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1240A-2TQG160C Datasheet(PDF) 9 Page - Microsemi Corporation

Part # A1240A-2TQG160C
Description  ACT 2 Family FPGAs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A1240A-2TQG160C Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button A1240A-2TQG160C Datasheet HTML 5Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 6Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 7Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 8Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 9Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 10Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 11Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 12Page - Microsemi Corporation A1240A-2TQG160C Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
ACT 2 Family FPGAs
R e visio n 8
2 -3
Package Thermal Characteristics
The device junction to case thermal characteristic is
θjc, and the junction to ambient air characteristic is
θja. The thermal characteristics for θja are shown with two different air flow rates.
Maximum junction temperature is 150
°C.
A sample calculation of the absolute maximum power dissipation allowed for a PQ160 package at
commercial temperature and still air is as follows:
EQ 1
Power Dissipation
P = [ICC standby + ICCactive] * VCC + IOL * VOL * N + IOH* (VCC – VOH) * M
EQ 2
where:
ICC standby is the current flowing when no inputs or outputs are changing
ICCactive is the current flowing due to CMOS switching.
IOL and IOH are TTL sink/source currents.
VOL and VOH are TTL level output voltages.
N is the number of outputs driving TTL loads to VOL.
M is the number of outputs driving TTL loads to VOH.
An accurate determination of N and M is problematical because their values depend on the family type,
design details, and on the system I/O. The power can be divided into two components: static and active.
Table 2-4 • Package Thermal Characteristics
Package Type*
Pin Count
θ
jc
θ
ja
Still Air
θ
ja
300 ft./min.
Units
Ceramic Pin Grid Array
100
5
35
17
°C/W
132
5
30
15
°C/W
176
8
23
12
°C/W
Ceramic Quad Flatpack
172
8
25
15
°C/W
Plastic Quad Flatpack1
100
13
48
40
°C/W
144
15
40
32
°C/W
160
15
38
30
°C/W
Plastic Leaded Chip Carrier
84
12
37
28
°C/W
Very Thin Quad Flatpack
100
12
43
35
°C/W
Thin Quad Flatpack
176
15
32
25
°C/W
Notes: (Maximum Power in Still Air)
1. Maximum power dissipation values for PQFP packages are 1.9 W (PQ100), 2.3 W (PQ144), and 2.4 W
(PQ160).
2. Maximum power dissipation for PLCC packages is 2.7 W.
3. Maximum power dissipation for VQFP packages is 2.3 W.
4. Maximum power dissipation for TQFP packages is 3.1 W.
Max. junction temp. (°C) Max. ambient temp. (°C)
θ
ja°C/W
---------------------------------------------------------------------------------------------------------------------------------------
150°C 70°C
33°C/W
------------------------------------
2.4 W
==


Similar Part No. - A1240A-2TQG160C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1240A-2TQ176B ACTEL-A1240A-2TQ176B Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-2TQ176C ACTEL-A1240A-2TQ176C Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-2TQ176I ACTEL-A1240A-2TQ176I Datasheet
605Kb / 38P
   ACT2 Family FPGAs
A1240A-2TQ176M ACTEL-A1240A-2TQ176M Datasheet
605Kb / 38P
   ACT2 Family FPGAs
More results

Similar Description - A1240A-2TQG160C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com