Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP22 Datasheet(PDF) 1 Page - International Rectifier

Part # IRAUDAMP22
Description  50W/2 x 2 Channel Class D Audio Power Amplifier Using the IR4322
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP22 Datasheet(HTML) 1 Page - International Rectifier

  IRAUDAMP22 Datasheet HTML 1Page - International Rectifier IRAUDAMP22 Datasheet HTML 2Page - International Rectifier IRAUDAMP22 Datasheet HTML 3Page - International Rectifier IRAUDAMP22 Datasheet HTML 4Page - International Rectifier IRAUDAMP22 Datasheet HTML 5Page - International Rectifier IRAUDAMP22 Datasheet HTML 6Page - International Rectifier IRAUDAMP22 Datasheet HTML 7Page - International Rectifier IRAUDAMP22 Datasheet HTML 8Page - International Rectifier IRAUDAMP22 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.irf.com
Page 1 of 22
IRAUDAMP22 REV 1.0
IRAUDAMP22
50W/2Ω x 2 Channel Class D Audio Power Amplifier
Using the IR4322
By
Jun Honda, Alvin Rojas
CAUTION:
International Rectifier suggests the following guidelines for safe operation and
handling of IRAUDAMP22 Demo board;
Always wear safety glasses whenever operating Demo Board
Avoid physical contact with exposed metal surfaces when operating Demo
Board
Turn off Demo Board when placing or removing measurement probes


Similar Part No. - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP22

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21 Datasheet
820Kb / 22P
   90W/2廓 x 2 Channel Class D Audio Power Amplifier Using the IR4321
IRAUDAMP5 IRF-IRAUDAMP5 Datasheet
2Mb / 49P
   120W x 2 Channel Class D Audio Power Amplifier Using the IRS2092S and IRF6645
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
logo
Sanyo Semicon Device
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Princeton Technology Co...
PT2831 PTC-PT2831 Datasheet
222Kb / 5P
   15W x 2, Class-D Audio Power Amplifier
PT2004 PTC-PT2004 Datasheet
226Kb / 3P
   2.2W x 2 Class-D Audio Power Amplifier
PT2832 PTC-PT2832 Datasheet
309Kb / 5P
   22W x 2, Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com