Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32912B3224M Datasheet(PDF) 4 Page - EPCOS

Part # B32912B3224M
Description  Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32912B3224M Datasheet(HTML) 4 Page - EPCOS

  B32912B3224M Datasheet HTML 1Page - EPCOS B32912B3224M Datasheet HTML 2Page - EPCOS B32912B3224M Datasheet HTML 3Page - EPCOS B32912B3224M Datasheet HTML 4Page - EPCOS B32912B3224M Datasheet HTML 5Page - EPCOS B32912B3224M Datasheet HTML 6Page - EPCOS B32912B3224M Datasheet HTML 7Page - EPCOS B32912B3224M Datasheet HTML 8Page - EPCOS B32912B3224M Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
10
0.010
4.0
× 9.0 × 13.0 B32911A3103+*** 4000
6800
4000
0.022
5.0
× 11.0 × 13.0 B32911B3223+*** 3320
5200
4000
0.033
6.0
× 12.0 × 13.0 B32911A3333M*** 2720
4400
4000
15
0.022
5.0
× 10.5 × 18.0 B32912A3223+*** 4680
5200
4000
0.033
5.0
× 10.5 × 18.0 B32912A3333+*** 4680
5200
4000
0.047
5.0
× 10.5 × 18.0 B32912A3473+*** 4680
5200
4000
0.068
6.0
× 11.0 × 18.0 B32912A3683+*** 3840
4400
4000
0.10
7.0
× 12.5 × 18.0 B32912A3104+*** 3320
3600
4000
0.15
7.0
× 12.5 × 18.0 B32912B3154M*** 3320
3600
4000
0.15
8.5
× 14.5 × 18.0 B32912A3154+*** 2720
2800
2000
0.22
8.5
× 14.5 × 18.0 B32912B3224M*** 2720
2800
2000
0.22
9.0
× 17.5 × 18.0 B32912A3224+*** 2560
2800
2000
0.33
9.0
× 17.5 × 18.0 B32912B3334M*** 2560
2800
2000
22.5
0.15
6.0
× 15.0 × 26.5 B32913A3154+*** 2720
2800
2880
0.22
7.0
× 16.0 × 26.5 B32913A3224+*** 2320
2400
2520
0.33
8.5
× 16.5 × 26.5 B32913A3334M*** 1920
2000
2040
0.47
10.5
× 18.5 × 26.5 B32913A3474M*** 1560
1600
2160
27.5
0.47
11.0
× 21.0 × 31.5 B32914A3474+***
1400
1280
0.68
11.0
× 21.0 × 31.5 B32914B3684+***
1400
1280
1.0
13.5
× 23.0 × 31.5 B32914A3105+***
1000
1040
1.5
18.0
× 27.5 × 31.5 B32914A3155+***
800
2.2
19.0
× 30.0 × 31.5 B32914A3225M***
720
37.5
3.3
18.0
× 32.5 × 41.5 B32916A3335M***
720
4.7
20.0
× 39.5 × 41.5 B32916A3475M***
640
6.8
28.0
× 42.5 × 41.5 B32916A3685M***
440
B32911 ... B32916
X1 / 330 V AC
Page 4 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32912B3224M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32912B3224M EPCOS-B32912B3224M Datasheet
331Kb / 19P
   EMI Suppression Capacitors (MKP)
B32912B3224M000 EPCOS-B32912B3224M000 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912B3224M000 EPCOS-B32912B3224M000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912B3224M189 EPCOS-B32912B3224M189 Datasheet
310Kb / 16P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32912B3224M189 EPCOS-B32912B3224M189 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32912B3224M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com