Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82790C0113N201 Datasheet(PDF) 8 Page - EPCOS

Part # B82790C0113N201
Description  Data and signal line chokes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82790C0113N201 Datasheet(HTML) 8 Page - EPCOS

Back Button B82790C0113N201 Datasheet HTML 3Page - EPCOS B82790C0113N201 Datasheet HTML 4Page - EPCOS B82790C0113N201 Datasheet HTML 5Page - EPCOS B82790C0113N201 Datasheet HTML 6Page - EPCOS B82790C0113N201 Datasheet HTML 7Page - EPCOS B82790C0113N201 Datasheet HTML 8Page - EPCOS B82790C0113N201 Datasheet HTML 9Page - EPCOS B82790C0113N201 Datasheet HTML 10Page - EPCOS B82790C0113N201 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Insertion loss
α (typical values at |Z| = 50 Ω, 20 °C)
asymmetrical, all branches in parallel (common mode)
symmetrical (differential mode)
LR = 2.2 mH
Current derating Iop/IR
versus ambient temperature
LR = 4.7 mH
IND0019-1
0
Hz
10
20
30
40
50
dB
4
10
10 5
10 6
10 7
10 8
10 9
f
α
B82790C0225N265
0
0
0.2
0.4
20
40
60
1.2
0.6
0.8
1.0
1.4
140
100
80
IND0681-C-E
C
˚
TA
IR
op
I
TR = 60 C
˚
IND0020-Z
0
Hz
10
20
30
40
50
dB
4
10
10 5
10 6
10 7
10 8
10 9
f
α
B82790C0475N265
B82790C0/S0
Data and signal line chokes
Common-mode chokes, ring core


Similar Part No. - B82790C0113N201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82790C0113N201 EPCOS-B82790C0113N201 Datasheet
260Kb / 11P
   Data and signal line chokes
B82790C0113N201 EPCOS-B82790C0113N201 Datasheet
260Kb / 11P
   Data and signal line chokes
More results

Similar Description - B82790C0113N201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com