Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29JL032J70BFI413 Datasheet(PDF) 8 Page - SPANSION

Part # S29JL032J70BFI413
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL032J70BFI413 Datasheet(HTML) 8 Page - SPANSION

Back Button S29JL032J70BFI413 Datasheet HTML 4Page - SPANSION S29JL032J70BFI413 Datasheet HTML 5Page - SPANSION S29JL032J70BFI413 Datasheet HTML 6Page - SPANSION S29JL032J70BFI413 Datasheet HTML 7Page - SPANSION S29JL032J70BFI413 Datasheet HTML 8Page - SPANSION S29JL032J70BFI413 Datasheet HTML 9Page - SPANSION S29JL032J70BFI413 Datasheet HTML 10Page - SPANSION S29JL032J70BFI413 Datasheet HTML 11Page - SPANSION S29JL032J70BFI413 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
8
S29JL032J
S29JL032J_00_06 December 16, 2011
Data
She e t
1.
Simultaneous Read/Write Operations with Zero Latency
The Simultaneous Read/Write architecture provides simultaneous operation by dividing the memory space
into separate banks (see Table 8.2 on page 17). Sector addresses are fixed, system software can be used to
form user-defined bank groups.
During an Erase/Program operation, any of the non-busy banks may be read from. Note that only two banks
can operate simultaneously. The device can improve overall system performance by allowing a host system
to program or erase in one bank, then immediately and simultaneously read from the other bank, with zero
latency. This releases the system from waiting for the completion of program or erase operations.
The S29JL032J can be organized with either a top or bottom boot sector configuration.
1.1
S29JL032J Features
The Secured Silicon Region is an extra 256 byte sector capable of being permanently locked by the
customer. The Secured Silicon Customer Indicator Bit (DQ6) is permanently set to 1 if the part has been
locked and is 0 if lockable.
Customers may utilize the Secured Silicon Region as bonus space, reading and writing like any other flash
sector, or may permanently lock their own code there.
The device offers complete compatibility with the JEDEC 42.4 single-power-supply Flash command set
standard. Commands are written to the command register using standard microprocessor write timings.
Reading data out of the device is similar to reading from other Flash or EPROM devices.
The host system can detect whether a program or erase operation is complete by using the device status
bits: RY/BY# pin, DQ7 (Data# Polling) and DQ6/DQ2 (toggle bits). After a program or erase cycle has been
completed, the device automatically returns to the read mode.
The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automatically inhibits write operations
during power transitions. The hardware sector protection feature disables both program and erase
operations in any combination of the sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature enables the user to put erase on hold for any period of time to
read data from, or program data to, any sector that is not selected for erasure. True background erase can
thus be achieved. If a read is needed from the Secured Silicon Region area (One Time Program area) after
an erase suspend, then the user must use the proper command sequence to enter and exit this region.
The device offers two power-saving features. When addresses have been stable for a specified amount of
time, the device enters the automatic sleep mode. The system can also place the device into the standby
mode. Power consumption is greatly reduced in both modes.


Similar Part No. - S29JL032J70BFI413

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL032J70BFI413

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com