Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82498B3680 Datasheet(PDF) 6 Page - EPCOS

Part # B82498B3680
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82498B3680 Datasheet(HTML) 6 Page - EPCOS

  B82498B3680 Datasheet HTML 1Page - EPCOS B82498B3680 Datasheet HTML 2Page - EPCOS B82498B3680 Datasheet HTML 3Page - EPCOS B82498B3680 Datasheet HTML 4Page - EPCOS B82498B3680 Datasheet HTML 5Page - EPCOS B82498B3680 Datasheet HTML 6Page - EPCOS B82498B3680 Datasheet HTML 7Page - EPCOS B82498B3680 Datasheet HTML 8Page - EPCOS B82498B3680 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
10/12
Q factor versus frequency f (ceramic core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
Inductance L versus DC load current IDC
measured with RF LCR meter
Agilent 4285A, typical values at +20 °C
Q factor versus frequency f (ferrite core)
measured with impedance analyzer
Agilent E4991A, typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +85 °C)
IND0048-3
0
f
Q
Hz
10
20
30
40
50
60
70
80
90
7
10
8
10
9
10
2.7 nH
6.8 nH
39 nH
68 nH
100 nH
270 nH
560 nH
B82498B
IND0050-9
10 0
10 1
A
10 1
10 3
_
10 0
10
_2
10 1
_
DC
I
10
_2
10
_1
L
μH
4.7 μH
0.68 μH
0.56 μH
0.1 μH
0.01 μH
B82498B
IND0049-B
5
f
Q
10
15
20
25
30
35
40
B82498B
10 6
10 7
10 8
Hz
1000 nH
680 nH
2200 nH
4700 nH
IND0051-4-E
0
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
140
IR
op
I
A
T
C
˚
B82498B
B82498B
SMT inductors, SIMID series
SIMID 0805-B


Similar Part No. - B82498B3680

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82498B3680+000 EPCOS-B82498B3680+000 Datasheet
138Kb / 8P
   SMT inductors
B82498B3680J000 EPCOS-B82498B3680J000 Datasheet
170Kb / 8P
   SMT inductors
B82498B3680K000 EPCOS-B82498B3680K000 Datasheet
170Kb / 8P
   SMT inductors
B82498B3680M000 EPCOS-B82498B3680M000 Datasheet
170Kb / 8P
   SMT inductors
More results

Similar Description - B82498B3680

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com