Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4312MTRPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR4312MTRPBF
Description  2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4312MTRPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR4312MTRPBF Datasheet HTML 5Page - International Rectifier IR4312MTRPBF Datasheet HTML 6Page - International Rectifier IR4312MTRPBF Datasheet HTML 7Page - International Rectifier IR4312MTRPBF Datasheet HTML 8Page - International Rectifier IR4312MTRPBF Datasheet HTML 9Page - International Rectifier IR4312MTRPBF Datasheet HTML 10Page - International Rectifier IR4312MTRPBF Datasheet HTML 11Page - International Rectifier IR4312MTRPBF Datasheet HTML 12Page - International Rectifier IR4312MTRPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
IR43x2
9
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Electrical Characteristics (cont’d)
VCC,VBS= 12 V, VSS=VS1=VS2=VN1=VN2=COM=0V, VAA=9.6V and TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Audio Input
(VGND=0, VAA=4.8V, VSS=-4.8V)
VOSn
Input offset voltage, n=1-2
-18
0
18
mV
IBINn
Input bias current, n=1-2
-
-
40
nA
GBWn
Small signal bandwidth in
OTA, n=1-2
-
9
-
MHz
CCOMP=1nF,
Rf=0
gmn
OTA transconductance, n=1-2
-
10
-
mS
VIN+=0V, VIN-
=10mV
GVn
OTA gain, n=1-2
50
-
-
dB
PWM
VthPWM
PWM comparator threshold in
COMP
-
(VAA -
VSS)/2
-
V
fOTAn
COMP pin star-up local
oscillation frequency, n=1-2
0.7
1.0
1.5
MHz
VCSD =GND
Ton_n
COMP to VS rising edge
propagation delay, n=1-2
-
370
-
ns
Toff_n
COMP to VS trailing edge
propagation delay, n=1-2
-
320
-
ns
DTn
Deadtime: Low-side turn-off to
High-side turn-on (DTLO-HO) &
High-side turn-off to Low-side
turn-on (DTHO-LO) , n=1-2
-
50
-
ns
VP=30V,
VN=-30V,
Power MOSFET (FET1, FET2, FET3, FET4) (IR4302)
V(BR)DSS
Drain-to-Source breakdown
voltage
80
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
39
50
mΩ
VGS=10V,
ID=3.3A
Qg
Total gate charge
-
7.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
ILK1
VP leakage current, VS=VP
-
-
50
µA
VP=80V, VCSD
=VSS
Power MOSFET (FET1, FET2, FET3, FET4) (IR4322)
V(BR)DSS
Drain-to-Source breakdown
voltage
60
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
30
40
mΩ
VGS=10V,
ID=3.3A
Qg
Total gate charge
-
8.3
-
nC
ILK0
VP leakage current, VS=VN
-
-
20
µA
ILK1
VP leakage current, VS=VP
-
-
50
µA
VP=60V, VCSD
=VSS
Power MOSFET (FET1, FET2, FET3, FET4) (IR4312)
V(BR)DSS
Drain-to-Source breakdown
voltage
40
-
-
V
VGS=0V,
ID=250uA
RDS(ON)
FET on resistance
-
44
56
mΩ
ID=3.6A
Qg
Total gate charge
-
4.5
-
nC
VGS=10V
ILK0
VP leakage current, VS=VN
-
-
20
µA
VP=40V, VCSD
=VSS
ILK1
VP leakage current, VS=VP
-
-
50
µA


Similar Part No. - IR4312MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4312M IRF-IR4312M Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4312M INFINEON-IR4312M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results

Similar Description - IR4312MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com