Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR4322M Datasheet(PDF) 2 Page - International Rectifier

Part # IR4322M
Description  2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR4322M Datasheet(HTML) 2 Page - International Rectifier

  IR4322M Datasheet HTML 1Page - International Rectifier IR4322M Datasheet HTML 2Page - International Rectifier IR4322M Datasheet HTML 3Page - International Rectifier IR4322M Datasheet HTML 4Page - International Rectifier IR4322M Datasheet HTML 5Page - International Rectifier IR4322M Datasheet HTML 6Page - International Rectifier IR4322M Datasheet HTML 7Page - International Rectifier IR4322M Datasheet HTML 8Page - International Rectifier IR4322M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IR43x2
2
www.irf.com
© 2013 International Rectifier
Apr 3, 2013
Table of Contents
Page
Typical Connection Diagram
1
Qualification Information
4
Absolute Maximum Ratings
5
Recommended Operating Conditions
7
Electrical Characteristics
8
Functional Block Diagram
11
Input/Output Pin Equivalent Circuit Diagram
12
Lead Definitions
14
Lead Assignments
15
Package Details
16
Part Marking Information
17
Ordering Information
17


Similar Part No. - IR4322M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR4322M IRF-IR4322M Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
logo
Infineon Technologies A...
IR4322M INFINEON-IR4322M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results

Similar Description - IR4322M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X2 IRF-IR43X2 Datasheet
568Kb / 17P
   channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
   2 channel integrated analog input Class D audio amplifier driver
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
   Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
   2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
logo
Texas Instruments
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
International Rectifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com