Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-D150A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HLMP-D150A
Description  DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-D150A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HLMP-D150A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-D150A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-D150A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-D150A Datasheet HTML 4Page - Fairchild Semiconductor HLMP-D150A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
.047 (1.2)
.032 (.8)
.189 (4.8)
.165 (4.2)
.059 (1.5)
.032 (0.8)
1.040 (26.4)
MIN
.040 (1.00)
MIN
.100 (2.54)
.018 (.46)
.012 (.30)
.122 (3.1)
.135 (3.15)
2X
.020 (.51)
.016 (.41)
2X
PACKAGE DIMENSIONS
NOTES:
1. ALL DIMENSIONS ARE IN INCHES (mm).
2. TOLERANCE ARE ±.010” UNLESS OTHERWISE SPECIFIED.
3. AN EPOXY MENISCUS MAY EXTEND ABOUT .040”(1 mm)
DOWN THE LEADS.
FEATURES
• Wide Viewing Angle
• Deep Red Color
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS
DESCRIPTION
Exceptional light output
typifies these devices and
provides for their use over a
broad range of drive currents.
The LED material is based on double
heterojunction (DH) AIGaAs/GaAs
technology.
.040 (1.02)
.200 (5.10)
.180 (4.57)
.350 (8.89)
.330 (8.38)
.100 (2.54)
REF.
Ø .230 (5.84)
.023 (.58)
.017 (.43)
SQ. TYP. (2X)
.100 (2.54)
.055 (1.40)
.045 (1.15)
.490 (12.44)
.460 (11.68)
.050 (1.27)
.50 (1.27)
FLATE DENOTES
CATHODE
.90 (23.0)
MIN.
T-1 3/4 (5mm)
HLMP-D150A
Red Diffused
HLMP-D155A
Red Clear with Standoff
T-100 (3mm)
HLMP-K150
Red Diffused
HLMP-K155
Red Clear
HLMP-K150/K155
HLMP-D155A
.040 (1.02)
.200 (5.08)
.180 (4.57)
.050 (1.27)
REF.
.100 (2.54)
.350 (8.89)
.330 (8.38)
.100 (2.54)
REF.
Ø .230 (5.84)
.023 (.58)
.017 (.43)
SQ. TYP. (2X)
.050 (1.27)
FLAT DENOTES
CATHODE
1.00 (25.4)
MIN.
HLMP-D150A
 2001 Fairchild Semiconductor Corporation
DS300012
2/27/01
1 OF 5
www.fairchildsemi.com


Similar Part No. - HLMP-D150A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Everlight Electronics C...
HLMP-D150A EVERLIGHT-HLMP-D150A Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
More results

Similar Description - HLMP-D150A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
MAN30X0A QT-MAN30X0A Datasheet
547Kb / 7P
   DOUBLE HETEROJUNCTION AIGAAS RED LOW CURRENT DISPLAYS
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
MAN32X0A QT-MAN32X0A Datasheet
405Kb / 5P
   DOUBLE HETEROJUNCTION AIGAAS RED SUNLIGHT VIEWABLE DISPLAYS
logo
Everlight Electronics C...
HLMPK155 EVERLIGHT-HLMPK155 Datasheet
673Kb / 5P
   DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Broadcom Corporation.
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com