Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADXL362Z-S Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADXL362Z-S
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADXL362Z-S Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADXL362Z-S Datasheet HTML 6Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 7Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 8Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 9Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 10Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 11Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 12Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 13Page - Analog Devices EVAL-ADXL362Z-S Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 10 of 44
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 17. X-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
TEMPERATURE (°C)
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
40
20
0
20
40
60
80
100
Figure 18. Y-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
–10
–8
–6
–4
–2
0
2
4
6
8
10
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 19. Z-Axis Sensitivity Deviation from 25°C vs. Temperature—
16 Parts Soldered to PCB, ODR = 100 Hz, VS = 2 V
0
5
10
15
20
25
30
35
40
450
475
500
525
550
575
600
625
650
675
700
SELF TEST DELTA (mg)
Figure 20. X-Axis Self Test Response at 25°C, VS = 2 V
0
5
10
15
20
25
30
35
40
–700 –675 –650 –625 –600 –575 –550 –525 –500 –475 –450
SELF TEST DELTA (mg)
Figure 21. Y-Axis Self Test Response at 25°C, VS = 2 V
0
5
10
15
20
25
30
35
40
350 375 400 425 450 475 500 525 550 575 600 625 650
SELF TEST DELTA (mg)
Figure 22. Z-Axis Self Test Response at 25°C, VS = 2 V


Similar Part No. - EVAL-ADXL362Z-S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADXL363Z AD-EVAL-ADXL363Z Datasheet
1Mb / 48P
   Micropower 3-Sensor Combination Including Acceleration and Temperature
EVAL-ADXL363Z-MLP AD-EVAL-ADXL363Z-MLP Datasheet
1Mb / 48P
   Micropower 3-Sensor Combination Including Acceleration and Temperature
EVAL-ADXL363Z-S AD-EVAL-ADXL363Z-S Datasheet
1Mb / 48P
   Micropower 3-Sensor Combination Including Acceleration and Temperature
EVAL-ADXL367Z AD-EVAL-ADXL367Z Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
More results

Similar Description - EVAL-ADXL362Z-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com