Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN-0221 Datasheet(PDF) 3 Page - Analog Devices

Part # CN-0221
Description  USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CN-0221 Datasheet(HTML) 3 Page - Analog Devices

  CN-0221 Datasheet HTML 1Page - Analog Devices CN-0221 Datasheet HTML 2Page - Analog Devices CN-0221 Datasheet HTML 3Page - Analog Devices CN-0221 Datasheet HTML 4Page - Analog Devices CN-0221 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0221
Rev. 0 | Page 3 of 5
Code Description
The source code used to test the circuit can be downloaded as a zip
file from the ADuCM360 product page.
The UART is configured for a baud rate of 9600, 8 data bits, no
parity, and no flow control. If the circuit is connected directly to
a PC, a communication port viewing application, such as a
HyperTerminal, can be used to view the results sent by the
program to the UART, as shown in Figure 3.
Figure 3. Output of HyperTerminal Communication Port Viewing Application
To get a temperature reading, measure the temperature of the
thermocouple and the RTD. The RTD temperature is converted
to its equivalent thermocouple voltage via a look-up table (see the
ISE, Inc., ITS-90 Table for Type T Thermocouple). These two
voltages are added together to give the absolute value at the
thermocouple.
First, the voltage measured between the two wires of the
thermocouple (V1). The RTD voltage is measured, converted to
a temperature via a look-up table, and then, this temperature is
converted to its equivalent thermocouple voltage (V2). V1 and
V2 are then added to give the overall thermocouple voltage, and
this is then converted to the final temperature measurement.
20
0
–20
–40
–60
–80
–100
–210
–140
–70
0
70
140
210
280
350
TEMPERATURE (°C)
Figure 4. Error When Using Simple Linear Approximation
Initially, this was done using a simple linear assumption that the
voltage on the thermocouple was 40 µV/°C. It can be seen from
Figure 4 that this gives an acceptable error only for a small range,
around 0°C. A better way of calculating the thermocouple
temperatures is to use a six-order polynomial for the positive
temperatures and a seventh-order polynomial for the negative
temperatures. This requires mathematical operations that add
to computational time and code size. A suitable compromise is to
calculate the respective temperatures for a fixed number of
voltages. These temperatures are stored in an array, and values in
between are calculated using a linear interpolation between the
adjacent points. It can be seen from Figure 5 that the error is
drastically reduced using this method. Figure 5 gives the algorithm
error using ideal thermocouple voltages.
0.30
0.25
0.20
0
0.05
0.10
0.15
–0.05
–210
–140
–70
0
70
140
210
280
350
TEMPERATURE (°C)
Figure 5. Error When Using Piecewise Linear Approximation Using
52 Calibration Points and Ideal Measurements


Similar Part No. - CN-0221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CN-0227 AD-CN-0227 Datasheet
269Kb / 5P
   High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
More results

Similar Description - CN-0221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
   Using the analog-to-digital converter of the STM8A microcontroller
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
   Using the analog to digital converter of the STM8S microcontroller
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
Maxim Integrated Produc...
MAX6699 MAXIM-MAX6699 Datasheet
310Kb / 19P
   5-Channel Precision Temperature Monitor
Rev 0; 12/05
MAX6697 MAXIM-MAX6697_09 Datasheet
240Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 3; 5/09
MAX6622 MAXIM-MAX6622 Datasheet
195Kb / 18P
   5-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602 Datasheet
608Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 0; 7/06
MAX6689 MAXIM-MAX6689_07 Datasheet
234Kb / 19P
   7-Channel Precision Temperature Monitor
Rev 1; 8/07
MAX6636 MAXIM-MAX6636 Datasheet
201Kb / 18P
   7-Channel Precision Temperature Monitor
Rev 0; 12/07
MAX6602 MAXIM-MAX6602_07 Datasheet
207Kb / 18P
   Five-Channel Precision Temperature Monitor
Rev 1; 8/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com