Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3X50A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HLMP-3X50A
Description  T-1 3/4 (5mm) SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-3X50A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HLMP-3X50A Datasheet HTML 1Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 2Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 3Page - Fairchild Semiconductor HLMP-3X50A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.040 (1.02)
0.200 (5.08)
0.180 (4.57)
0.350 (8.89)
0.330 (8.38)
C
L
0.100 (2.54)
REF.
Ø 0.230 (5.84)
0.023 (0.58)
0.017 (0.43)
SQ. TYP. (2X)
0.100 (2.54)
0.065 (1.6)
0.055 (1.4)
2X
0.480 (12.19)
0.460 (11.68)
0.850 (21.59)
MIN
0.050 (1.27)
PACKAGE DIMENSIONS
NOTES:
ALL DIMENSIONS ARE IN INCHES (mm).
FEATURES
• Pale tint
• Sturdy leads with or without stand-off on T-1 3/4
• Excellent for small area backlighting
• HER
HLMP-3750A
MV3750
• Green
HLMP-3950A
MV3450
• Yellow
HLMP-3850A
MV3350
T-1 3/4 (5mm)
SOLID STATE LAMPS
DESCRIPTION
The HLMP-3X50 series consists of tinted and water clear T-1 3/4
LED lamps with standoffs.
The MV3X50 series is the same as Agilent’s HLMP-3X50A series,
except for the standoffs.
Both series are available in red, yellow and green with a minimum
intensity of 80mcd.
0.040 (1.02)
0.200 (5.08)
0.180 (4.57)
0.050 (1.27)
REF.
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
1.00 (25.4)
MIN
C
L
0.100 (2.54)
REF.
Ø 0.230 (5.84)
0.023 (0.58)
0.017 (0.43)
SQ. TYP. (2X)
0.050 (1.27)
FLAT DENOTES
CATHODE
HLMP-3X50A
MV3X50
HLMP-3X50A
MV3X50
 2001 Fairchild Semiconductor Corporation
DS300006
2/27/01
1 OF 4
www.fairchildsemi.com


Similar Part No. - HLMP-3X50A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3X50A QT-HLMP-3X50A Datasheet
214Kb / 3P
   ULTRABRIGHT T-1 3/4 SOLID STATE LAMPS
More results

Similar Description - HLMP-3X50A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
L-1593 KINGBRIGHT-L-1593 Datasheet
165Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L-1503 KINGBRIGHT-L-1503 Datasheet
142Kb / 5P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L53SYC KINGBRIGHT-L53SYC Datasheet
89Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
L1513IT KINGBRIGHT-L1513IT Datasheet
144Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4300HLC CML-4300HLC Datasheet
65Kb / 1P
   Solid State LED Lamps-LowCurrent T-1 3/4 (5mm)
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com