Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADuCM361 Datasheet(PDF) 7 Page - Analog Devices

Part # ADuCM361
Description  Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM361 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuCM361 Datasheet HTML 3Page - Analog Devices ADuCM361 Datasheet HTML 4Page - Analog Devices ADuCM361 Datasheet HTML 5Page - Analog Devices ADuCM361 Datasheet HTML 6Page - Analog Devices ADuCM361 Datasheet HTML 7Page - Analog Devices ADuCM361 Datasheet HTML 8Page - Analog Devices ADuCM361 Datasheet HTML 9Page - Analog Devices ADuCM361 Datasheet HTML 10Page - Analog Devices ADuCM361 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADuCM360/ADuCM361
Rev. B | Page 7 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Average Input Current Drift1
Buffered Mode
AIN0, AIN1, AIN2, AIN3
±5
pA/°C
AIN4, AIN5, AIN6, AIN7
±16
pA/°C
AIN8, AIN9, AIN10, AIN11
±9
pA/°C
Unbuffered Mode
±250
pA/V/°C
Common-Mode Rejection, DC1
On ADC input
ADC gain = 1, AVDD < 2 V
65
100
dB
ADC gain = 1, AVDD > 2 V
80
100
dB
ADC gain = 2 to 128
80
dB
Common-Mode Rejection,
50 Hz/60 Hz1
50 Hz/60 Hz ± 1 Hz; fADC = 16.7 Hz,
chop on; fADC = 50 Hz, chop off
ADC gain = 1
97
dB
ADC gain = 2 to 128
90
dB
Normal-Mode Rejection, 50 Hz/60 Hz1
On ADC input
50 Hz/60 Hz ± 1 Hz; fADC = 16.7 Hz,
chop on; fADC = 50 Hz, chop off
60
80
dB
TEMPERATURE SENSOR1
After user calibration
Voltage Output at 25°C
Processor powered down or in standby
mode before measurement
82.1
mV
Voltage Temperature Coefficient (TC)
250
µV/°C
Accuracy
6
°C
GROUND SWITCH
RON
3.7
10
19
Allowable Current1
20 kΩ resistor off, direct short to ground
20
mA
VOLTAGE REFERENCE
ADC internal reference
Internal VREF
1.2
V
Initial Accuracy
Measured at TA = 25°C
−0.1
+0.1
%
Reference Temperature Coefficient
(TC)1, 10
−15
±5
+15
ppm/°C
Power Supply Rejection1
82
90
dB
EXTERNAL REFERENCE INPUTS
Input Range
Buffered Mode
AGND + 0.1
AVDD − 0.1
V
Unbuffered Mode
Minimum differential voltage between
VREF+ and VREF− pins is 400 mV
0
AVDD
V
Input Current
Buffered Mode
−20
+10
+27
nA
Unbuffered Mode
500
nA/V
Normal-Mode Rejection1
80
dB
Common-Mode Rejection1
85
100
dB
Reference Detect Levels1
400
mV
EXCITATION CURRENT SOURCES
Output Current
Available from each current source; value
programmable from 10 µA to 1 mA
10
50
1000
μA
Initial Tolerance at 25°C1
IOUT ≥ 50 µA
±5
%
Drift1
Using internal reference resistor
100
400
ppm/°C
Using external 150 kΩ reference resistor
between IREF pin and AGND; resistor
must have drift specification of 5 ppm/°C
75
400
ppm/°C
Initial Current Matching at 25°C1
Matching between both current sources
±0.5
%
Drift Matching1
50
ppm/°C
Load Regulation, AVDD1
AVDD = 3.3 V
0.2
%/V
Output Compliance1
IOUT = 10 µA to 210 µA
AGND − 0.03
AVDD − 0.85
V
IOUT > 210 µA
AGND − 0.03
AVDD − 1.1
V


Similar Part No. - ADuCM361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM361 AD-ADUCM361 Datasheet
431Kb / 21P
   Low Power Precision Analog Microcontroller
Rev. Pr R
ADUCM361 AD-ADUCM361 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADuCM361 AD-ADuCM361 Datasheet
418Kb / 5P
   Devices Connected
ADUCM361 AD-ADUCM361 Datasheet
112Kb / 4P
   Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
More results

Similar Description - ADuCM361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
   Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
   Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
   Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
ADUC7060 AD-ADUC7060 Datasheet
891Kb / 108P
   Low Power, Precision Analog Microcontroller, Dual Sigma-Delta ADCs, Flash/EE, ARM7TDMI
Rev. B
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
   LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
logo
Analog Devices
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
   Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
   32-bit Microcontroller with ARM Cortex-M3 Core
logo
Maxim Integrated Produc...
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
   DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com