Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3300 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HLMP-3300
Description  T-1 3/4 (5 mm) SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-3300 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HLMP-3300 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-3300 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Number
HLMP-3300
HLMP-3301
HLMP-3315
HLMP-3316
FLV110
Condition
Luminous Intensity (mcd)
IF = 10mA
Minimum
2.0
4.0
12
20
0.8*
Typical
3.5
7.0
18
35
3.0*
Forward Voltage (V)
IF = 10mA
Maximum
3.0
3.0
3.0
3.0
2.0
Typical
2.2
2.2
2.2
2.2
1.6
Peak Wavelength (nm)
635
635
635
635
660
IF = 10mA
Reverse Voltage (V)
5
5
5
5
5
IR = 100µA
Viewing Angle (°)
65
65
35
35
70
IF = 10mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
T-1 3/4 (5 mm)
SOLID STATE LAMPS
* For FLV110 Test IF = 20mA
www.fairchildsemi.com
2 OF 4
2/27/01
DS300005


Similar Part No. - HLMP-3300

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-3300 QT-HLMP-3300 Datasheet
199Kb / 3P
   SECOND SOURCE T-1 3/4 SOLID STATE LAMPS
More results

Similar Description - HLMP-3300

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
FLV110 EVERLIGHT-FLV110 Datasheet
366Kb / 4P
   T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5433 FAIRCHILD-MV5433 Datasheet
150Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
MV5439A FAIRCHILD-MV5439A Datasheet
160Kb / 4P
   3 LEAD BICOLOR T-1 3/4 (5 mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
L-53ID KINGBRIGHT-L-53ID Datasheet
86Kb / 3P
   T-1 3/4 (5 mm) SOLID STATE LAMP
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com