Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC814ARU Datasheet(PDF) 7 Page - Analog Devices

Part # ADUC814ARU
Description  MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814ARU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUC814ARU Datasheet HTML 3Page - Analog Devices ADUC814ARU Datasheet HTML 4Page - Analog Devices ADUC814ARU Datasheet HTML 5Page - Analog Devices ADUC814ARU Datasheet HTML 6Page - Analog Devices ADUC814ARU Datasheet HTML 7Page - Analog Devices ADUC814ARU Datasheet HTML 8Page - Analog Devices ADUC814ARU Datasheet HTML 9Page - Analog Devices ADUC814ARU Datasheet HTML 10Page - Analog Devices ADUC814ARU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
ADuC814
Rev. A | Page 7 of 72
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions
Oscillator Powered Down16
OSC_PD = 1 in PLLCON SFR
Wake-Up with INT0 Interrupt
150
400
ms typ
Wake-Up with SPI/I2C Interrupt
150
400
ms typ
Wake-Up with External RESET
150
400
ms typ
After External RESET in Normal Mode
3
3
ms typ
After WDT Reset in Normal Mode
3
3
ms typ
Controlled via WDCON SFR
FLASH/EE MEMORY RELIABILITY
CHARACTERISTICS17
Endurance18
100,000
100,000
Cycles min
Data Retention19
100
100
Years min
POWER REQUIREMENTS20, 21
Power Supply Voltages
AVDD/DVDD – AGND
2.7
V min
AVDD/DVDD = 3 V nom
3.3
V max
4.5
V min
AVDD/DVDD = 5 V nom
5.5
V max
Power Supply Currents, Normal Mode
DVDD Current14
5
2.5
mA max
Core CLK = 2.097 MHz
4
2
mA typ
(CD bits in PLLCON = 3)
AVDD Current14
1.7
1.7
mA max
DVDD Current
20
10
mA max
Core CLK = 16.78MHz (max)
16
8
mA typ
(CD bits in PLLCON = 0)
AVDD Current
1.7
1.7
mA max
DVDD Current14
3.5
1.5
mA max
Core CLK = 131.2 kHz (min)
2.8
1.2
mA typ
(CD bits in PLLCON = 7)
AVDD Current
1.7
1.7
mA max
Power Supply Currents, Idle Mode
DVDD Current14
1.7
1.2
mA max
Core CLK = 2.097 MHz
1.5
1
mA typ
(CD Bits in PLLCON = 3)
AVDD Current14
0.15
0.15
mA max
DVDD Current14
6
3
mA max
Core CLK = 16.78 MHz (max)
4
2.5
mA typ
(CD bits in PLLCON = 0)
AVDD Current14
0.15
0.15
mA max
DVDD Current14
1.25
1
mA max
Core CLK = 131 kHz (min)
1.1
0.7
mA typ
(CD bits in PLLCON = 7)
AVDD Current14
0.15
0.15
mA max
Power Supply Currents, Power-Down
Mode
Core CLK = 2.097 MHz or 16.78 MHz (CD bits in
PLLCON = 3 or 0)
DVDD Current14
20
µA max
Oscillator on
40
14
µA typ
AVDD Current
1
1
µA typ
DVDD Current
15
µA max
Oscillator off
20
10
µA typ
AVDD Current
1
1
µA typ
Typical Additional Power Supply
Currents
Core CLK = 2.097 MHz, (CD bits in PLLCON = 3)
AVDD = DVDD = 5 V
PSM Peripheral
50
µA typ
ADC
1.5
mA typ
DAC
150
µA typ


Similar Part No. - ADUC814ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814ARU AD-ADUC814ARU Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU-REEL AD-ADUC814ARU-REEL Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU-REEL7 AD-ADUC814ARU-REEL7 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC814 AD-ADUC814 Datasheet
846Kb / 72P
   MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com