Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5231FVE Datasheet(PDF) 3 Page - Rohm

Part # BD5231FVE
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5231FVE Datasheet(HTML) 3 Page - Rohm

  BD5231FVE Datasheet HTML 1Page - Rohm BD5231FVE Datasheet HTML 2Page - Rohm BD5231FVE Datasheet HTML 3Page - Rohm BD5231FVE Datasheet HTML 4Page - Rohm BD5231FVE Datasheet HTML 5Page - Rohm BD5231FVE Datasheet HTML 6Page - Rohm BD5231FVE Datasheet HTML 7Page - Rohm BD5231FVE Datasheet HTML 8Page - Rohm BD5231FVE Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300040-1-2
TSZ22111・15・001
3/10
19.DEC.2011 Rev.002
BD52xx series
BD53xx series
Datasheet
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VDD-GND
-0.3 ~ +10
V
Nch Open Drain Output
GND-0.3 ~ +10
Output Voltage
CMOS Output
VOUT
GND-0.3 ~ VDD+0.3
V
SSOP5
*1*3
540
Power
Dissipation
VSOF5
*2*3
Pd
210
mW
Operating Temperature
Topr
-40 ~ +105
°C
Ambient Storage Temperature
Tstg
-55 ~ +125
°C
*1 Use above Ta=25°C results in a 5.4mW loss per degree.
*2 Use above Ta=25°C results in a 2.1mW loss per degree.
*3 When a ROHM standard circuit board (70mm×70mm×1.6mm glass epoxy board) is mounted.
●Electrical characteristics (Unless Otherwise Specified Ta=-40 to 105°C)
Limit
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection Voltage
VDET
VDD=H L, RL=470kΩ
*1
VDET(T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET =2.3-3.1V
-
0.80
2.40
VDET =3.2-4.2V
-
0.85
2.55
VDET =4.3-5.2V
-
0.90
2.70
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET =5.3-6.0V
-
0.95
2.85
µA
VDET =2.3-3.1V
-
0.75
2.25
VDET =3.2-4.2V
-
0.80
2.40
VDET =4.3-5.2V
-
0.85
2.55
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET =5.3-6.0V
-
0.90
2.70
µA
VOL≤0.4V, Ta=25~105°C, RL=470kΩ
0.95
-
-
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=-40~25°C, RL=470kΩ
1.20
-
-
V
VDS=0.5V VDD=1.2V
0.4
1.2
-
‘Low’ Output Current (Nch)
IOL
VDS=0.5V VDD=2.4V
2.0
5.0
-
mA
VDS=0.5V VDD=4.8V VDET=2.3-4.2V
0.7
1.4
-
VDS=0.5V VDD=6.0V VDET=4.3-5.2V
0.9
1.8
-
‘High’ Output Current (Pch)
IOH
VDS=0.5V VDD=8.0V VDET=5.3-6.0V
1.1
2.2
-
mA
Leak Current when OFF
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
VDD=VDET×1.1, VDET=2.3-2.6V, RL=470kΩ
VDD
×0.30
VDD
×0.40
VDD
×0.60
VDD=VDET×1.1, VDET=2.7-4.2V, RL=470kΩ
VDD
×0.30
VDD
×0.45
VDD
×0.60
VDD=VDET×1.1, VDET=4.3-5.2V, RL=470kΩ
VDD
×0.35
VDD
×0.50
VDD
×0.60
CT pin Threshold Voltage
VCTH
VDD=VDET×1.1, VDET=5.3-6.0V, RL=470kΩ
VDD
×0.40
VDD
×0.50
VDD
×0.60
V
Output Delay Resistance
RCT
VDD=VDET×1.1 VCT=0.5V
*1
5.5
9
12.5
MΩ
VCT=0.1V VDD=0.95V
*1
15
40
-
CT pin Output Current
ICT
VCT=0.5V VDD=1.5V
150
240
-
µA
Detection Voltage
Temperature coefficient
VDET/∆T Ta=-40°C to 105°C
-
±100
±360
ppm/°C
Hysteresis Voltage
∆ VDET VDD=L H L, RL=470kΩ
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET (T) : Standard Detection Voltage (2.3V to 6.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
Designed Guarantee. (Outgoing inspection is not done on all products.)
*1 Guarantee is Ta=25°C.


Similar Part No. - BD5231FVE

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5231FVE ROHM-BD5231FVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5231FVE ROHM-BD5231FVE Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5231FVE

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com