Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR292 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR292
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR292 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR292 Datasheet HTML 5Page - Analog Devices ADR292 Datasheet HTML 6Page - Analog Devices ADR292 Datasheet HTML 7Page - Analog Devices ADR292 Datasheet HTML 8Page - Analog Devices ADR292 Datasheet HTML 9Page - Analog Devices ADR292 Datasheet HTML 10Page - Analog Devices ADR292 Datasheet HTML 11Page - Analog Devices ADR292 Datasheet HTML 12Page - Analog Devices ADR292 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADR291/ADR292
Rev. F | Page 9 of 20
100
80
0
60
40
20
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
ADR292
ADR291
ADR291: VS = 3.0V TO 15V
ADR292: VS = 4.5V TO 15V
IOUT = 0 mA
Figure 13. ADR291/ADR292 Line Regulation vs. Temperature
LOAD CURRENT (mA)
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +125°C
TA = +25°C
TA =–40°C
Figure 14. ADR291 Minimum Input-Output
Voltage Differential vs. Load Current
LOAD CURRENT (mA)
0.7
0
0
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.6
0.5
0.4
0.3
0.2
0.1
TA = +125°C
TA = +25°C
TA =–40°C
Figure 15. ADR292 Minimum Input-Output
Voltage Differential vs. Load Current
200
160
0
120
80
40
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
VS = 5V
IOUT = 1mA
IOUT = 5mA
Figure 16. ADR291 Load Regulation vs. Temperature
200
160
0
120
80
40
TEMPERATURE (
°C)
–50
125
–25
0
25
50
75
100
VS = 5V
IOUT = 1mA
IOUT = 5mA
Figure 17. ADR292 Load Regulation vs. Temperature
SOURCING LOAD CURRENT (mA)
0
–1250
–2000
0.1
10
1
–1750
–1500
–500
–250
–1000
–750
TA = +125°C
TA = +25°C
TA = –40°C
Figure 18. ADR291 ΔVOUT from Nominal vs. Load Current


Similar Part No. - ADR292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR292 AD-ADR292 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR292ER AD-ADR292ER Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR292ER-REEL AD-ADR292ER-REEL Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR292ER-REEL7 AD-ADR292ER-REEL7 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR292ER-RELL AD-ADR292ER-RELL Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
More results

Similar Description - ADR292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
   Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com