Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG802BRTZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG802BRTZ-REEL7
Description  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG802BRTZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADG802BRTZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG802BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADG801/ADG802
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
Analog Inputs1
−0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
−0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Continuous Current, Pin S or Pin D
400 mA
Peak Current, Pin S or Pin D
800 mA, pulsed at 1 ms,
10% duty cycle max
Operating Temperature Range
Automotive
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJMAX)
150°C
Package Power Dissipation
(TJMAX – TA)/θJA
MSOP
θJA Thermal Impedance
206°C/W
θJC Thermal Impedance
44°C/W
SOT-23 (4-Layer Board)
θJA Thermal Impedance
119°C/W
θJC Thermal Impedance
91.99°C/W
Lead Temperature, Soldering
(10 sec)
300°C
IR Reflow, Peak Temperature
(<20 sec)
235°C
Reflow Soldering (Pb-Free)
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
1 Overvoltages at Pin IN, Pin S, or Pin D are clamped by internal diodes.
Current should be limited to the maximum ratings provided.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Truth Table
ADG801 (Pin IN)
ADG802 (Pin IN)
Switch Condition
0
1
Off
1
0
On
ESD CAUTION


Similar Part No. - ADG802BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG802BRT AD-ADG802BRT Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Similar Description - ADG802BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com