Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32653A8472 Datasheet(PDF) 8 Page - EPCOS

Part # B32653A8472
Description  Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32653A8472 Datasheet(HTML) 8 Page - EPCOS

Back Button B32653A8472 Datasheet HTML 4Page - EPCOS B32653A8472 Datasheet HTML 5Page - EPCOS B32653A8472 Datasheet HTML 6Page - EPCOS B32653A8472 Datasheet HTML 7Page - EPCOS B32653A8472 Datasheet HTML 8Page - EPCOS B32653A8472 Datasheet HTML 9Page - EPCOS B32653A8472 Datasheet HTML 10Page - EPCOS B32653A8472 Datasheet HTML 11Page - EPCOS B32653A8472 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
1) For pulse loads (pulse width
≤ 1000 µs), a peak voltage of 1400 V
p can be permitted.
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC1)
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
1250
450
2.2
4.0
× 9.0 × 13.0 B32651A7222+*** 4000
6800
4000
3.3
5.0
× 11.0 × 13.0 B32651A7332+*** 3320
5200
4000
4.7
5.0
× 11.0 × 13.0 B32651A7472+*** 3320
5200
4000
6.8
6.0
× 12.0 × 13.0 B32651A7682+*** 2720
4400
4000
B32651
High pulse (wound)
Page 8 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32653A8472

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32653A8472 EPCOS-B32653A8472 Datasheet
961Kb / 28P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A8472 EPCOS-B32653A8472 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32653A8472 EPCOS-B32653A8472 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32653A8472

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com