Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3308BCPZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3308BCPZ-REEL
Description  Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308BCPZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG3308BCPZ-REEL Datasheet HTML 1Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 2Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG3308BCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG3308/ADG3308-1
Rev. C | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
1.8 V ± 0.15 V ≤ VCCA ≤ VCCY, VCCY = 3.3 V ± 0.3 V
A
→Y Level Translation
RS = RT = 50 Ω, CL = 50 pF, see Figure 37
Propagation Delay
tP, A→Y
8
11
ns
Rise Time
tR, A→Y
2
5
ns
Fall Time
tF, A→Y
2
5
ns
Maximum Data Rate
DMAX, A→Y
50
Mbps
Channel-to-Channel Skew
tSKEW, A→Y
2
4
ns
Part-to-Part Skew
tPPSKEW,A→Y
4
ns
Y
→A Level Translation
RS = RT = 50 Ω, CL = 15 pF, see Figure 38
Propagation Delay
tP, Y→A
5
8
ns
Rise Time
tR, Y→A
2
3.5
ns
Fall Time
tF, Y→A
2
3.5
ns
Maximum Data Rate
DMAX, Y→A
50
Mbps
Channel-to-Channel Skew
tSKEW, Y→A
2
3
ns
Part-to-Part Skew
tPPSKEW,Y→A
3
ns
1.15 V to 1.3 V ≤ VCCA ≤ VCCY, VCCY = 3.3 V ± 0.3 V
A
→Y Level Translation
RS = RT = 50 Ω, CL = 50 pF, see Figure 37
Propagation Delay
tP, A→Y
9
18
ns
Rise Time
tR, A→Y
3
5
ns
Fall Time
tF, A→Y
2
5
ns
Maximum Data Rate
DMAX, A→Y
40
Mbps
Channel-to-Channel Skew
tSKEW, A→Y
2
5
ns
Part-to-Part Skew
tPPSKEW,A→Y
10
ns
Y
→A Level Translation
RS = RT = 50 Ω, CL = 15 pF, see Figure 38
Propagation Delay
tP, Y→A
5
9
ns
Rise Time
tR, Y→A
2
4
ns
Fall Time
tF, Y→A
2
4
ns
Maximum Data Rate
DMAX, Y→A
40
Mbps
Channel-to-Channel Skew
tSKEW, Y→A
2
4
ns
Part-to-Part Skew
tPPSKEW,Y→A
4
ns
1.15 V to 1.3 V ≤ VCCA ≤ VCCY, VCCY = 1.8 V ± 0.3 V
A
→Y Level Translation
RS = RT = 50 Ω, CL = 50 pF, see Figure 37
Propagation Delay
tP, A→Y
12
25
ns
Rise Time
tR, A→Y
7
12
ns
Fall Time
tF, A→Y
3
5
ns
Maximum Data Rate
DMAX, A→Y
25
Mbps
Channel-to-Channel Skew
tSKEW, A→Y
2
5
ns
Part-to-Part Skew
tPPSKEW,A→Y
15
ns
Y
→A Level Translation
RS = RT = 50 Ω, CL = 15 pF, see Figure 38
Propagation Delay
tP, Y→A
14
35
ns
Rise Time
tR, Y→A
5
16
ns
Fall Time
tF, Y→A
2.5
6.5
ns
Maximum Data Rate
DMAX, Y→A
25
Mbps
Channel-to-Channel Skew
tSKEW, Y→A
3
6.5
ns
Part-to-Part Skew
tPPSKEW,Y→A
23.5
ns


Similar Part No. - ADG3308BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308BCPZ-REEL AD-ADG3308BCPZ-REEL Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BCPZ-REEL AD-ADG3308BCPZ-REEL Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308BCPZ-REEL7 AD-ADG3308BCPZ-REEL7 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BCPZ-REEL7 AD-ADG3308BCPZ-REEL7 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results

Similar Description - ADG3308BCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com