Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG820BRM Datasheet(PDF) 4 Page - Analog Devices

Part # ADG820BRM
Description  0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG820BRM Datasheet(HTML) 4 Page - Analog Devices

  ADG820BRM Datasheet HTML 1Page - Analog Devices ADG820BRM Datasheet HTML 2Page - Analog Devices ADG820BRM Datasheet HTML 3Page - Analog Devices ADG820BRM Datasheet HTML 4Page - Analog Devices ADG820BRM Datasheet HTML 5Page - Analog Devices ADG820BRM Datasheet HTML 6Page - Analog Devices ADG820BRM Datasheet HTML 7Page - Analog Devices ADG820BRM Datasheet HTML 8Page - Analog Devices ADG820BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG819/ADG820
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Inputs
2 . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
. . . . . . . . . . . . . . . . . . . . . . . 30 mA, Whichever Occurs First
Digital Inputs
2 . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V or
. . . . . . . . . . . . . . . . . . . . . . . 30 mA, Whichever Occurs First
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 400 mA
. . . . . . . . . . . . . . . .(Pulsed at 1 ms, 10% Duty Cycle Max)
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . 200 mA
Operating Temperature Range
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Automotive . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
µSOIC Package
!JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 206°C/W
!
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 44
°C/W
SOT-23 Package (4-Layer Board)
!JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 119°C/W
MicroCSP Package
!JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . . TBD
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . 235
°C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma­
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2 Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
Table I. Truth Table for the ADG819/ADG820
IN
Switch S1
Switch S2
0
ON
OFF
1
OFF
ON
PIN CONFIGURATIONS
6-Lead SOT-23
8-Lead
µSOIC
(RJ-6)
(RM-8)
TOP VIEW
(Not to Scale)
6
2
ADG820
5
4
1
3
ADG819/
S2
D
IN
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
ADG819/
ADG820
S2
NC
D
S1
IN
VDD
GND
VDD
S1
GND
NC
NC = NO CONNECT
ORDERING GUIDE
Model Option
Temperature Range
Brand
1
Package Description
Package
ADG819BRM
ADG819BRT
ADG819BCB
ADG820BRM
ADG820BRT
–40
°C to +125°C
–40
°C to +125°C
–40
°C to +85°C
–40
°C to +125°C
–40
°C to +125°C
SNB
SNB
SNB
SPB
SPB
µSOIC (MicroSmall Outline IC)
SOT-23 (Plastic Surface-Mount)
MicroCSP (Micro Chip Scale Package)
µSOIC (MicroSmall Outline IC)
SOT-23 (Plastic Surface-Mount)
RM-8
RJ-6
2
CB-62
RM-8
RJ-6
2
NOTES
1Branding on these packages is limited to three characters due to space constraints.
2Contact factory for availability.
2
X 3 MicroCSP
TOP VIEW
(BUMPS AT THE BOTTOM)
NOT TO SCALE
S2
1
IN
6
D
2
VDD
5
S1
3
GND
4
ADG819 ONLY
–4–
REV. 0


Similar Part No. - ADG820BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG820BRM AD-ADG820BRM Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
More results

Similar Description - ADG820BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com