Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG441BCHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # ADG441BCHIPS
Description  LC2MOS Quad SPST Switches ADG441/ADG442/ADG444
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG441BCHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG441BCHIPS Datasheet HTML 2Page - Analog Devices ADG441BCHIPS Datasheet HTML 3Page - Analog Devices ADG441BCHIPS Datasheet HTML 4Page - Analog Devices ADG441BCHIPS Datasheet HTML 5Page - Analog Devices ADG441BCHIPS Datasheet HTML 6Page - Analog Devices ADG441BCHIPS Datasheet HTML 7Page - Analog Devices ADG441BCHIPS Datasheet HTML 8Page - Analog Devices ADG441BCHIPS Datasheet HTML 9Page - Analog Devices ADG441BCHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG441/ADG442/ADG444
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1
1
D1
2
S1
3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND
5
NC
12
S4
6
S3
11
D4
7
D3
10
IN4
8
IN3
9
NC = NO CONNECT
ADG441
ADG442
TOP VIEW
(Not to Scale)
Figure 2. ADG441/ADG442 (DIP/SOIC)
IN1
1
D1
2
S1
3
VSS 4
IN2
16
D2
15
S2
14
VDD
13
GND
5
VL
12
S4
6
S3
11
D4
7
D3
10
IN4
8
IN3
9
ADG444
TOP VIEW
(Not to Scale)
Figure 3. ADG444 (DIP/SOIC)
Table 5. ADG441/ADG442 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16
IN1 to IN4
Logic Control Input.
2, 7, 10, 15
D1 to D4
Drain Terminal. May be
an input or output.
3, 6, 11, 14
S1 to S4
Source Terminal. May be
an input or output.
4
VSS
Most Negative Power Supply
Potential in Dual Supplies. In
single-supply applications,
it may be connected to ground.
5
GND
Ground (0 V) Reference.
12
NC
No Connect.
13
VDD
Most Positive Power Supply Potential.
Table 6. ADG444 Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16
IN1 to IN4
Logic Control Input.
2, 7, 10, 15
D1 to D4
Drain Terminal. May be
an input or output.
3, 6, 11, 14
S1 to S4
Source Terminal. May be
an input or output.
4
VSS
Most Negative Power Supply
Potential in Dual Supplies. In
single-supply applications,
it may be connected to ground.
5
GND
Ground (0 V) Reference.
12
VL
Logic Power Supply (5 V).
13
VDD
Most Positive Power Supply Potential.


Similar Part No. - ADG441BCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG441BN AD-ADG441BN Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG441BR AD-ADG441BR Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
More results

Similar Description - ADG441BCHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com