Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41828A4226M Datasheet(PDF) 11 Page - EPCOS

Part # B41828A4226M
Description  Aluminum electrolytic capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41828A4226M Datasheet(HTML) 11 Page - EPCOS

Back Button B41828A4226M Datasheet HTML 7Page - EPCOS B41828A4226M Datasheet HTML 8Page - EPCOS B41828A4226M Datasheet HTML 9Page - EPCOS B41828A4226M Datasheet HTML 10Page - EPCOS B41828A4226M Datasheet HTML 11Page - EPCOS B41828A4226M Datasheet HTML 12Page - EPCOS B41828A4226M Datasheet HTML 13Page - EPCOS B41828A4226M Datasheet HTML 14Page - EPCOS B41828A4226M Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Technical data and ordering codes
B41828
CR
120 Hz, 20
°C
µF
Case dimensions
d
× l
mm
IAC,R
120 Hz, 105
°C
mA
Ordering code
(composition see below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing F = 2.0 mm (for
∅ 5 mm)
007 = for taped leads, Ammo pack, lead spacing F = 2.5 mm (for
∅ 5 ... 6.3 mm)
006 = for taped leads, Ammo pack, lead spacing F = 3.5 mm (for
∅ 8 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for
∅ 5 ... 12.5 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (for
∅ 16 mm, excluding d × l = 16 × 35.5
mm)
VR = 63 V DC
10
5
× 11
50
B41828A8106M***
22
6.3
× 11
79
B41828A8226M***
33
6.3
× 11
103
B41828A8336M***
47
8
× 11.5
135
B41828A8476M***
100
10
× 12.5
217
B41828A8107M***
220
12.5
× 20
374
B41828A8227M***
330
12.5
× 20
570
B41828A8337M***
470
12.5
× 25
715
B41828A8477M***
1000
16
× 31.5
1043
B41828A8108M***
VR = 100 V DC
0.47
5
× 11
11
B41828A9474M***
1.0
5
× 11
17
B41828A9105M***
2.2
5
× 11
25
B41828A9225M***
3.3
5
× 11
31
B41828A9335M***
4.7
5
× 11
37
B41828A9475M***
10
6.3
× 11
55
B41828A9106M***
22
8
× 11.5
104
B41828A9226M***
33
10
× 12.5
145
B41828A9336M***
47
10
× 16
186
B41828A9476M***
100
12.5
× 20
296
B41828A9107M***
220
16
× 25
497
B41828A9227M***
330
16
× 25
609
B41828A9337M***
470
16
× 31.5
802
B41828A9477M***
B41828
Standard series
105
°C
Page 11 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41828A4226M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41828A4226M016 EPCOS-B41828A4226M016 Datasheet
818Kb / 19P
   Aluminum electrolytic capacitors
More results

Similar Description - B41828A4226M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com