Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8402AR50-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8402AR50-REEL
Description  1-/2-/4-Channel Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8402AR50-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8402AR50-REEL Datasheet HTML 4Page - Analog Devices AD8402AR50-REEL Datasheet HTML 5Page - Analog Devices AD8402AR50-REEL Datasheet HTML 6Page - Analog Devices AD8402AR50-REEL Datasheet HTML 7Page - Analog Devices AD8402AR50-REEL Datasheet HTML 8Page - Analog Devices AD8402AR50-REEL Datasheet HTML 9Page - Analog Devices AD8402AR50-REEL Datasheet HTML 10Page - Analog Devices AD8402AR50-REEL Datasheet HTML 11Page - Analog Devices AD8402AR50-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8400/AD8402/AD8403
Rev. E | Page 8 of 32
ELECTRICAL CHARACTERISTICS—1 KΩ VERSION
VDD = 3 V ± 10% or 5 V ± 10%, VA = VDD, VB = 0 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE (Specifications Apply to All VRs)
Resistor Differential NL2
R-DNL
RWB, VA = no connect
−5
−1
+3
LSB
Resistor Nonlinearity2
R-INL
RWB, VA = no connect
−4
±1.5
+4
LSB
Nominal Resistance3
RAB
TA = 25°C, model: AD840XYY1
0.8
1.2
1.6
Resistance Tempco
ΔRAB/ΔT
VAB = VDD, wiper = no connect
700
ppm/°C
Wiper Resistance
RW
VDD = 5V, IW = VDD/RAB
53
100
Ω
RW
VDD = 3V, IW = VDD/RAB
200
Ω
Nominal Resistance Match
ΔR/RAB
CH 1 to CH 2, VAB = VDD, TA = 25°C
0.75
2
%
DC CHARACTERISTICS POTENTIOMETER DIVIDER (Specifications Apply to All VRs)
Resolution
N
8
Bits
Integral Nonlinearity4
INL
−6
±2
+6
LSB
Differential Nonlinearity4
DNL
VDD = 5 V
−4
−1.5
+2
LSB
DNL
VDD = 3 V, TA = 25°C
−5
−2
+5
LSB
Voltage Divider Temperature Coefficient
ΔVW/ΔT
Code = 80H
25
ppm/°C
Full-Scale Error
VWFSE
Code = FFH
−20
−12
0
LSB
Zero-Scale Error
VWZSE
Code = 00H
0
6
10
LSB
RESISTOR TERMINALS
Voltage Range5
VA, VB, VW
0
VDD
V
Capacitance6 Ax, Bx
CA, CB
f = 1 MHz, measured to GND, code = 80H
75
pF
Capacitance6 Wx
CW
f = 1 MHz, measured to GND, code = 80H
120
pF
Shutdown Supply Current7
IA_SD
VA = VDD, VB = 0 V, SHDN = 0
0.01
5
μA
Shutdown Wiper Resistance
RW_SD
VA = VDD, VB = 0 V, SHDN = 0, VDD = 5 V
50
100
Ω
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Output Logic High
VOH
RL = 2.2 kΩ to VDD
VDD − 0.1
V
Output Logic Low
VOL
IOL = 1.6 mA, VDD = 5 V
0.4
V
Input Current
IIL
VIN = 0 V or 5 V, VDD = 5 V
±1
μA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD range
2.7
5.5
V
Supply Current (CMOS)
IDD
VIH = VDD or VIL = 0 V
0.01
5
μA
Supply Current (TTL)8
IDD
VIH = 2.4 V or 0.8 V, VDD = 5.5 V
0.9
4
mA
Power Dissipation (CMOS)9
PDISS
VIH = VDD or VIL = 0 V, VDD = 5.5 V
27.5
μW
Power Supply Sensitivity
PSS
ΔVDD = 5 V ± 10%
0.0035
0.008
%/%
PSS
ΔVDD = 3 V ± 10%
0.05
0.13
%/%


Similar Part No. - AD8402AR50-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8402AR50-REEL AD-AD8402AR50-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Similar Description - AD8402AR50-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com