Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S3N60C3D Datasheet(PDF) 4 Page - Harris Corporation

Part # HGT1S3N60C3D
Description  6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HGT1S3N60C3D Datasheet(HTML) 4 Page - Harris Corporation

  HGT1S3N60C3D Datasheet HTML 1Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 2Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 3Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 4Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 5Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 6Page - Harris Corporation HGT1S3N60C3D Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3-12
FIGURE 7. TURN-ON DELAY TIME AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
FIGURE 8. TURN-OFF DELAY TIME AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
FIGURE 9. TURN-ON RISE TIME AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
FIGURE 10. TURN-OFF FALL TIME AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
FIGURE 11. TURN-ON ENERGY LOSS AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
FIGURE 12. TURN-OFF ENERGY LOSS AS A FUNCTION OF
COLLECTOR-EMITTER CURRENT
Typical Performance Curves (Continued)
3
12
3
4
ICE, COLLECTOR-EMITTER CURRENT (A)
20
56
10
VGE = 15V
78
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
VGE = 10V
ICE, COLLECTOR-EMITTER CURRENT (A)
500
400
300
200
VGE = 10V
VGE = 15V
12
3
4
5
6
7
8
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
ICE, COLLECTOR-EMITTER CURRENT (A)
5
10
80
12
3
4
5
6
7
8
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
VGE = 10V
VGE = 15V
ICE, COLLECTOR-EMITTER CURRENT (A)
VGE = 10V or 15V
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
12
3
4
5
6
7
8
300
200
100
ICE, COLLECTOR-EMITTER CURRENT (A)
0
0.1
0.2
0.3
0.4
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
12
3
4
5
6
7
8
0.5
VGE = 10V
VGE = 15V
ICE, COLLECTOR-EMITTER CURRENT (A)
0.1
0.2
0.3
0.4
0.5
0.6
0
TJ = 150
oC, R
G = 82Ω, L = 1mH, VCE(PK) = 480V
12
3
4
5
6
7
8
0.8
0.7
VGE = 10V or 15V
HGTP3N60C3D, HGT1S3N60C3D, HGT1S3N60C3DS


Similar Part No. - HGT1S3N60C3D

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGT1S3N60C3D HARRIS-HGT1S3N60C3D Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60C3DS INTERSIL-HGT1S3N60C3DS Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Harris Corporation
HGT1S3N60C3DS HARRIS-HGT1S3N60C3DS Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGT1S3N60C3D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Harris Corporation
HGTP3N60C3D HARRIS-HGTP3N60C3D_07 Datasheet
394Kb / 11P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG30N60C3D INTERSIL-HGTG30N60C3D Datasheet
116Kb / 7P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com