Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS1N4496DME3 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # JANS1N4496DME3
Description  VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS1N4496DME3 Datasheet(HTML) 5 Page - Microsemi Corporation

  JANS1N4496DME3 Datasheet HTML 1Page - Microsemi Corporation JANS1N4496DME3 Datasheet HTML 2Page - Microsemi Corporation JANS1N4496DME3 Datasheet HTML 3Page - Microsemi Corporation JANS1N4496DME3 Datasheet HTML 4Page - Microsemi Corporation JANS1N4496DME3 Datasheet HTML 5Page - Microsemi Corporation JANS1N4496DME3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
T4-LDS-0183, Rev. 3 (120901)
©2012 Microsemi Corporation
Page 5 of 6
1N4460 – 1N4496 and 1N6485 – 1N6491
GRAPHS (continued)
tH (Heating time) ms
FIGURE 3
Thermal Impedance Curve for 1N4462 through 1N4496
tH (Heating time) ms
FIGURE 4
Thermal Impedance Curve for 1N6485 through 1N6491 and 1N4460 through 1N4461


Similar Part No. - JANS1N4496DME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N4496 MICROSEMI-JANS1N4496 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANS1N4496US MICROSEMI-JANS1N4496US Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results

Similar Description - JANS1N4496DME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com