Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A3PE1500-1FG208YES Datasheet(PDF) 7 Page - Microsemi Corporation

Part # A3PE1500-1FG208YES
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PE1500-1FG208YES Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button A3PE1500-1FG208YES Datasheet HTML 3Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 4Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 5Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 6Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 7Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 8Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 9Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 10Page - Microsemi Corporation A3PE1500-1FG208YES Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 162 page
background image
Revision 13
1-1
1 – ProASIC3E Device Family Overview
General Description
ProASIC3E, the third-generation family of Microsemi flash FPGAs, offers performance, density, and
features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3E
devices the advantage of being a secure, low power, single-chip solution that is Instant On. ProASIC3E is
reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable
designers to create high-density systems using existing ASIC or FPGA design flows and tools.
ProASIC3E devices offer 1 kbit of on-chip, programmable, nonvolatile FlashROM storage as well as
clock conditioning circuitry based on six integrated phase-locked loops (PLLs). ProASIC3E devices have
up to three million system gates, supported with up to 504 kbits of true dual-port SRAM and up to 620
user I/Os.
Several ProASIC3E devices support the Cortex-M1 soft IP cores, and the ARM-Enabled devices have
Microsemi ordering numbers that begin with M1A3PE.
Flash Advantages
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike SRAM-
based FPGAs, flash-based ProASIC3E devices allow all functionality to be Instant On; no external boot
PROM is required. On-board security mechanisms prevent access to all the programming information
and enable secure remote updates of the FPGA logic. Designers can perform secure remote in-system
reprogramming to support future design iterations and field upgrades with confidence that valuable
intellectual property (IP) cannot be compromised or copied. Secure ISP can be performed using the
industry-standard AES algorithm. The ProASIC3E family device architecture mitigates the need for ASIC
migration at higher user volumes. This makes the ProASIC3E family a cost-effective ASIC replacement
solution, especially for applications in the consumer, networking/ communications, computing, and
avionics markets.
Security
The nonvolatile, flash-based ProASIC3E devices do not require a boot PROM, so there is no vulnerable
external bitstream that can be easily copied. ProASIC3E devices incorporate FlashLock, which provides
a unique combination of reprogrammability and design security without external overhead, advantages
that only an FPGA with nonvolatile flash programming can offer.
ProASIC3E devices utilize a 128-bit flash-based lock and a separate AES key to provide the highest level
of protection in the FPGA industry for programmed intellectual property and configuration data. In
addition, all FlashROM data in ProASIC3E devices can be encrypted prior to loading, using the industry-
leading AES-128 (FIPS192) bit block cipher encryption standard. The AES standard was adopted by the
National Institute of Standards and Technology (NIST) in 2000 and replaces the 1977 DES standard.
ProASIC3E devices have a built-in AES decryption engine and a flash-based AES key that make them
the most comprehensive programmable logic device security solution available today. ProASIC3E
devices with AES-based security provide a high level of protection for secure, remote field updates over
public networks such as the Internet, and ensure that valuable IP remains out of the hands of system
overbuilders, system cloners, and IP thieves.
Security, built into the FPGA fabric, is an inherent component of the ProASIC3E family. The flash cells
are located beneath seven metal layers, and many device design and layout techniques have been used
to make invasive attacks extremely difficult. The ProASIC3E family, with FlashLock and AES security, is
unique in being highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected
with industry-standard security, making remote ISP possible. A ProASIC3E device provides the best
available security for programmable logic designs.


Similar Part No. - A3PE1500-1FG208YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-1FG484 MICROSEMI-A3PE1500-1FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG484ES MICROSEMI-A3PE1500-1FG484ES Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG484I MICROSEMI-A3PE1500-1FG484I Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG484PP MICROSEMI-A3PE1500-1FG484PP Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-1FG484Y MICROSEMI-A3PE1500-1FG484Y Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3PE1500-1FG208YES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE1500-FG484 MICROSEMI-A3PE1500-FG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-FGG484 MICROSEMI-A3PE1500-FGG484 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FG484 MICROSEMI-A3PE3000-FG484 Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE1500-PQG208I MICROSEMI-A3PE1500-PQG208I Datasheet
8Mb / 166P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3PE3000-FGG324 MICROSEMI-A3PE3000-FGG324 Datasheet
8Mb / 162P
   ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com