Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32652A7563 Datasheet(PDF) 6 Page - EPCOS

Part # B32652A7563
Description  Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A7563 Datasheet(HTML) 6 Page - EPCOS

Back Button B32652A7563 Datasheet HTML 2Page - EPCOS B32652A7563 Datasheet HTML 3Page - EPCOS B32652A7563 Datasheet HTML 4Page - EPCOS B32652A7563 Datasheet HTML 5Page - EPCOS B32652A7563 Datasheet HTML 6Page - EPCOS B32652A7563 Datasheet HTML 7Page - EPCOS B32652A7563 Datasheet HTML 8Page - EPCOS B32652A7563 Datasheet HTML 9Page - EPCOS B32652A7563 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Overview of available types
Lead spacing 27.5 mm
Type
B32654
Page
15
VR (V DC)
250
400
630
1000
1250
1600
2000
VRMS (V AC)
160
200
250
250
500
500
700
CR (nF)
22
33
47
68
82
100
150
220
330
470
560
680
820
1000
1200
1500
2200
2700
3300
4700
5600
6800
8200
B32651 ... B32656
High pulse (wound)
Page 6 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32652A7563

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32652A7563 EPCOS-B32652A7563 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32652A7563 EPCOS-B32652A7563 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32652A7563

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com