Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5220BRZ50 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5220BRZ50
Description  Increment/Decrement Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220BRZ50 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5220BRZ50 Datasheet HTML 3Page - Analog Devices AD5220BRZ50 Datasheet HTML 4Page - Analog Devices AD5220BRZ50 Datasheet HTML 5Page - Analog Devices AD5220BRZ50 Datasheet HTML 6Page - Analog Devices AD5220BRZ50 Datasheet HTML 7Page - Analog Devices AD5220BRZ50 Datasheet HTML 8Page - Analog Devices AD5220BRZ50 Datasheet HTML 9Page - Analog Devices AD5220BRZ50 Datasheet HTML 10Page - Analog Devices AD5220BRZ50 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD5220
–9–
REV.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example connecting A Terminal to +5 V and B Terminal to
ground produces an output voltage at the wiper which can be
any value starting at zero volts up to 1 LSB less than +5 V. Each
LSB of voltage is equal to the voltage applied across terminals
AB divided by the 128-position resolution of the potentiometer
divider. The general equation defining the output voltage with
respect to ground for any given input voltage applied to termi-
nals AB is:
VW(D) = D/128 × VAB + VB
(1)
D represents the current contents of the internal UP/DOWN
counter.
Operation of the digital potentiometer in the divider mode re-
sults in more accurate operation over temperature. Here the
output voltage is dependent on the ratio of the internal resistors,
not the absolute value, therefore, the drift improves to 20 ppm/
°C.
APPLICATIONS INFORMATION
The negative-edge sensitive CLK pin does not contain any
internal debounce circuitry. This standard CMOS logic input
responds to fast negative edges and needs to be debounced
externally with an appropriate circuit designed for the type of
switch closure device being used. Good performance results at
the CLK input pin when the negative logic transition has a
minimum slew rate of 1 V/
µs. A wide variety of standard circuits
can be used such as a one-shot multivibrator, Schmitt Triggered
gates, cross coupled flip-flops, or RC filters to drive the CLK
pin with uniform negative edges. This will prevent the digital
potentiometer from skipping output codes while counting due to
switch contact bounce.
A


Similar Part No. - AD5220BRZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BR10 AD-AD5220BR10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR100 AD-AD5220BR100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BR50 AD-AD5220BR50 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM10 AD-AD5220BRM10 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5220BRM100 AD-AD5220BRM100 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
More results

Similar Description - AD5220BRZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5220BNZ10 AD-AD5220BNZ10 Datasheet
679Kb / 11P
   Increment/Decrement Digital Potentiometer
REV. A
AD5220 AD-AD5220 Datasheet
265Kb / 10P
   Increment/Decrement Digital Potentiometer
AD5222 AD-AD5222 Datasheet
173Kb / 10P
   Increment/Decrement Dual Digital Potentiometer
REV. 0
AD5220 AD-AD5220_15 Datasheet
679Kb / 11P
   Increment Decrement Digital Potentionmeter
REV. A
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ams AG
AS1500 AMSCO-AS1500_1 Datasheet
405Kb / 14P
   Digital Potentiometer
AS1500 AMSCO-AS1500 Datasheet
365Kb / 8P
   Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com