Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP20N35G3VL Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HGTP20N35G3VL
Description  20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP20N35G3VL Datasheet(HTML) 7 Page - Fairchild Semiconductor

  HGTP20N35G3VL Datasheet HTML 1Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 2Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 3Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 4Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 5Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 6Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 7Page - Fairchild Semiconductor HGTP20N35G3VL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTP20N35G3VL, HGT1S20N35G3VL, HGT1S20N35G3VLS Rev. B
Test Circuits
FIGURE 17. USE TEST CIRCUIT
FIGURE 18. INDUCTIVE SWITCHING TEST CIRCUIT
RG
G
C
E
VDD
2.3mH
DUT
RGEN = 25Ω
5V
RGEN = 50Ω
+
-
VCC
DUT
300V
C
G
E
RGE = 50Ω
1/RG = 1/RGEN + 1/RGE
L = 550
µH
RL
10V


Similar Part No. - HGTP20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
More results

Similar Description - HGTP20N35G3VL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N35G3VL INTERSIL-HGTP20N35G3VL Datasheet
106Kb / 6P
   20A, 350V N-Channel, Logic Level, Voltage Clamping IGBTs
April 1995
logo
Fairchild Semiconductor
HGT1S20N36G3VL FAIRCHILD-HGT1S20N36G3VL Datasheet
256Kb / 7P
   20A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N36G3VL FAIRCHILD-HGTP14N36G3VL Datasheet
224Kb / 8P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N36G3VL INTERSIL-HGTP14N36G3VL Datasheet
110Kb / 6P
   14A, 360V N-Channel, Logic Level, Voltage Clamping IGBTs
June 1995
logo
Fairchild Semiconductor
HGT1S14N37G3VLS FAIRCHILD-HGT1S14N37G3VLS Datasheet
159Kb / 6P
   14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs
HGTP14N41G3VLS FAIRCHILD-HGTP14N41G3VLS Datasheet
193Kb / 6P
   14A, 410V N-Channel, Logic Level, Voltage Clamping IGBTs
logo
Intersil Corporation
HGTP14N40F3VL INTERSIL-HGTP14N40F3VL Datasheet
85Kb / 5P
   14A, 400V N-Channel, Logic Level Voltage Clamping IGBT
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
   15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
HUF76009P3 INTERSIL-HUF76009P3 Datasheet
243Kb / 11P
   20A, 20V, 0.027 Ohm, N-Channel, Logic Level Power MOSFETs
HUF76013P3 INTERSIL-HUF76013P3 Datasheet
245Kb / 11P
   20A, 20V, 0.022 Ohm, N-Channel, Logic Level Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com