Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72500T7151V060 Datasheet(PDF) 4 Page - EPCOS

Part # B72500T7151V060
Description  Ceramic transient voltage suppressors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72500T7151V060 Datasheet(HTML) 4 Page - EPCOS

  B72500T7151V060 Datasheet HTML 1Page - EPCOS B72500T7151V060 Datasheet HTML 2Page - EPCOS B72500T7151V060 Datasheet HTML 3Page - EPCOS B72500T7151V060 Datasheet HTML 4Page - EPCOS B72500T7151V060 Datasheet HTML 5Page - EPCOS B72500T7151V060 Datasheet HTML 6Page - EPCOS B72500T7151V060 Datasheet HTML 7Page - EPCOS B72500T7151V060 Datasheet HTML 8Page - EPCOS B72500T7151V060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1) Mearsured @ VDC,max
Temperature derating
Climatic category:
40/+85
°C for 0402
Climatic category:
40/+125
°C for 0603
Electrical specifications and ordering codes
Maximum ratings (Top,max)
Type
Ordering code
VRMS,max
V
VDC,max
V
Top,max
°C
CT0402S5ARFG
B72590T7050S160
4
5.5
+85
CT0603S5ARFG
B72500T7050S160
4
5.5
+125
CT0402V150RFG
B72590T7151V060
14
16
+85
CT0402V275RFG
B72590T7271V060
14
16
+85
CT0402V90RFG
B72590T7900V060
14
16
+85
CT0603V150RFG
B72500T7151V060
14
16
+125
Characteristics (TA = 25
°C)
Type
VV,min
(1 mA)
V
VV,max
(1 mA)
V
Ileak,typ
(Vop = 3.5 V)
µA
Ctyp
(1 MHz, 1 V)
pF
Cmax
(1 MHz, 1 V)
pF
CT0402S5ARFG
220
290
0.0011)
0.6
1
CT0603S5ARFG
220
290
0.0011)
0.6
1
CT0402V150RFG
150
200
0.001
2
3
CT0402V275RFG
275
350
0.001
1.5
2
CT0402V90RFG
90
120
0.001
2.2
3
CT0603V150RFG
150
200
0.001
3
5
Multilayer varistors (MLVs)
Radio frequency series
Page 4 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72500T7151V060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72500T7151V060 EPCOS-B72500T7151V060 Datasheet
620Kb / 26P
   Ceramic transient voltage suppressors
B72500T7151V060 EPCOS-B72500T7151V060 Datasheet
663Kb / 28P
   Ceramic transient voltage suppressors
More results

Similar Description - B72500T7151V060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com