Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11F1TVM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # H11F1TVM
Description  H11F1M, H11F2M, H11F3M Photo FET Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F1TVM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button H11F1TVM Datasheet HTML 3Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 4Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 5Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 6Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 7Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 8Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 9Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 10Page - Fairchild Semiconductor H11F1TVM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11F1M, H11F2M, H11F3M Rev. 1.0.5
10
Reflow Profile
Profile Freature
Pb-Free Assembly Profile
Temperature Min. (Tsmin)
150°C
Temperature Max. (Tsmax)
200°C
Time (tS) from (Tsmin to Tsmax)
60–120 seconds
Ramp-up Rate (tL to tP)
3°C/second max.
Liquidous Temperature (TL)
217°C
Time (tL) Maintained Above (TL)
60–150 seconds
Peak Body Package Temperature
260°C +0°C / –5°C
Time (tP) within 5°C of 260°C
30 seconds
Ramp-down Rate (TP to TL)
6°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Time (seconds)
Time 25°C to Peak
260
240
220
200
180
160
140
120
100
80
60
40
20
0
TL
ts
tL
tP
TP
Tsmax
Tsmin
120
Preheat Area
Max. Ramp-up Rate = 3°C/S
Max. Ramp-down Rate = 6°C/S
240
360


Similar Part No. - H11F1TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1TVM FAIRCHILD-H11F1TVM Datasheet
245Kb / 10P
   Photo FET Optocouplers
logo
ON Semiconductor
H11F1TVM ONSEMI-H11F1TVM Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
More results

Similar Description - H11F1TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
   Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com