Electronic Components Datasheet Search |
|
B72205S0200K101 Datasheet(PDF) 2 Page - EPCOS |
|
B72205S0200K101 Datasheet(HTML) 2 Page - EPCOS |
2 / 46 page Construction Round varistor element, leaded Coating: epoxy resin, flame-retardant to UL 94 V-0 Features Wide operating voltage range 11 … 1100 VRMS High surge current ratings up to 8 kA No derating up to 85 °C ambient temperature PSpice models Approvals UL CSA (all types ≥ K115) VDE CQC S05/07 (K11 … K460), S10/S14 (K11 … K680), S20 (K11 … K1000) IEC Delivery mode Bulk (standard), taped versions on reel or in Ammo pack upon request. For further details refer chapter "Taping, packaging and lead configuration" for leaded varistors. Options S10* types with lead spacing 5.0 mm and S20* types with lead spacing 7.5 mm are also available on request. General technical data Climatic category to IEC 60068-1 40/85/56 Operating temperature to IEC 61051 40 ... + 85 °C Storage temperature 40 ... +125 °C Electric strength to IEC 61051 ≥ 2.5 kVRMS Insulation resistance to IEC 61051 ≥ 100 M Ω Response time < 25 ns Leaded varistors B722* StandarD series Page 2 of 46 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B72205S0200K101 |
|
Similar Description - B72205S0200K101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |