Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A617D3SD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11A617D3SD
Description  4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617D3SD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11A617D3SD Datasheet HTML 1Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 2Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 3Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 4Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 5Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 6Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 7Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 8Page - Fairchild Semiconductor H11A617D3SD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4/24/03
Page 3 of 9
© 2003 Fairchild Semiconductor Corporation
4-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA814 SERIES
H11A617 SERIES
H11A817 SERIES
*Typical values at TA = 25°C.
NOTES
1. Current Transfer Ratio (CTR) = IC/IF x 100%.
2. For test circuit setup and waveforms, refer to Figure 8.
3. For this test, Pins 1 and 2 are common, and Pins 3 and 4 are common.
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Current Transfer
Ratio
(IF = ±1 mA, VCE = 5 V) (note 1)
CTR
H11AA814
20
300
%
(IF = ±1 mA, VCE = 5 V) (note 1)
H11AA814A
50
150
%
(IF = 10 mA, VCE = 5 V) (note 1)
H11A617A
40
80
%
H11A617B
63
125
%
H11A617C
100
200
%
H11A617D
160
320
%
(IF = 5 mA, VCE = 5 V) (note 1)
H11A817
50
600
%
H11A817A
80
160
%
H11A817B
130
260
%
H11A817C
200
400
%
H11A817D
300
600
%
(IF = 1 mA, VCE = 5 V) (note 1)
H11A617A
13
%
H11A617B
22
%
H11A617C
34
%
H11A617D
56
%
Collector-Emitter
Saturation Voltage
(IC = 1 mA, IF = ±20 mA)
(IC = 2.5 mA, IF = 10 mA)
(IC = 1 mA, IF = 20 mA)
VCE (SAT)
H11AA814/A
0.2
V
H11A617A/B/C/D
0.4
H11A817/A/B/C/D
0.2
AC Characteristic
Rise Time
(IC = 2 mA, VCE = 2 V, RL = 100V) (note 2)
tr
ALL
2.4
18
µs
Fall Time
(IC = 2 mA, VCE = 2 V, RL = 100V) (note 2)
tf
ALL
2.4
18
µs
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage (note 3)
f = 60Hz, t = 1 min
VISO
5300
Vac(rms)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = 0, f = 1 MHz)
CISO
0.5
pf


Similar Part No. - H11A617D3SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617D FAIRCHILD-H11A617D Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
More results

Similar Description - H11A617D3SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11AA814 FAIRCHILD-H11AA814_06 Datasheet
527Kb / 11P
   4-Pin Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com