Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKZE500ESS181MH20D Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKZE500ESS181MH20D
Description  Low impedance, 105C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKZE500ESS181MH20D Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKZE500ESS181MH20D Datasheet HTML 1Page - United Chemi-Con, Inc. EKZE500ESS181MH20D Datasheet HTML 2Page - United Chemi-Con, Inc. EKZE500ESS181MH20D Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001K
Sleeve (PET : Brown)
L'
15min
4min
Vent
(Except 7L & F5 & F6.3)
@Ultra Low impedance for Personal Computers Storage Equipment
@Endurance with ripple current: 1,000 to 5,000 hours at 105C
@Non solvent resistant type
@RoHS Compliant
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 100Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
Z (-25C) / Z (+20C)
2max.
Z (-40C) / Z (+20C)
3max.
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
7L : 1,000hours F5 & F6.3 : 2,000hours F8 : 3,000hours F10 : 4,000hours F12.5 to F18 : 5,000hours
Capacitance change
[P25% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P25% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
63V
0.09
80V
0.09
100V
0.08
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.45
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.45
0.5
2.5
8
0.45
0.6
3.5
16, 18
-
0.8
7.5
10, 12.5
-
0.6
5.0
FD+0.5max.
L+1.5max.(7L : L+1.0max.)
7L
11LK
Lower Z
KZE
Lower Z
KY
KZH
(F5 to F10)
(F12.5 to F16)
Gas escape end seal
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 6.8MF:6R8, 10MF:100, 1,000MF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 10V:100, 100V:101)
Series code
Category
E K Z E A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide (radial lead type)"
(1/3)


Similar Part No. - EKZE500ESS181MH20D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKZE500ESS181MH20D CHEMI-CON-EKZE500ESS181MH20D Datasheet
63Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKZE500ESS181MH20D ETC2-EKZE500ESS181MH20D Datasheet
67Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKZE500ESS181MH20D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKZM100ELL152MH20D CHEMI-CON-EKZM100ELL152MH20D Datasheet
85Kb / 4P
   Low impedance, 105C
EKZE160ELL272ML20S CHEMI-CON-EKZE160ELL272ML20S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ160ELL471MJC5S CHEMI-CON-ELXZ160ELL471MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
logo
RUBYCON CORPORATION
100ZL20 RUBYCON-100ZL20 Datasheet
1Mb / 7P
   105C High ripple Current, Low impedance
logo
Dubilier
DVJL476.3LF DUBILIER-DVJL476.3LF Datasheet
104Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
DVJL4763-LF DUBILIER-DVJL4763-LF Datasheet
262Kb / 2P
   SURFACE MOUNT SMD - 105C LOW IMPEDANCE DVJL
logo
Illinois Capacitor, Inc...
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com