Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6004 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6004
Description  NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6004 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6004 Datasheet HTML 1Page - NTE Electronics NTE6004 Datasheet HTML 2Page - NTE Electronics NTE6004 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Average Forward Current
IF (AV)
180
° sinusoidal condition, TC = +140°C Max
40
A
Maximum Peak One–Cycle
Non–Repetitive Surge Current
IFSM
Half cycle 50Hz sine wave
or 8ms rectangular pulse
Following any rated
load condition and
480
A
Half cycle 60Hz sine wave
at 5ms rectangular pulse
load condition and
with rated VRRM
applied
500
A
Half cycle 50Hz sine wave
or 6ms rectangular pulse
Following any rated
load condition and
570
A
Half cycle 60Hz sine wave
at 3ms rectangular pulse
load condition and
with VRRM applied
following surge = 0
586
A
Maximum I2t for Fusing
I2t
t = 10ms
With rated VRRM ap-
1150
A2s
t = 8.3ms
With rated VRRM ap-
plied following surge
1050
A2s
Maximum I2t for Individual Device
t = 10ms
With VRRM = 0 fol-
1600
A2s
Fusing
t = 8.3ms
With VRRM = 0 fol-
lowing surge
1450
A2s
Maximum I2
pt
I2
pt
t = 0.1 to 10ms, VRRM = 0 following surge
16000
A2
pt
Maximum Peak Forward Voltage
VFM
IF (AV) = 40A (125 peak), TJ = +25°C
1.30
V
Maximum Value of Threshold
Voltage
VM (TO)
TJ = +100°C
0.69
V
Maximum Value of Forward Slope
Resistance
rt
TJ = +100°C
3.79
m
Thermal–Mechanical Specifications:
Parameter
Symbol
Test Conditions
Rating
Unit
Maximum Operation Junction Temperature
TJ
–65 to + 190
°C
Maximum Storage Temperature
Tstg
–65 to + 190
°C
Maximum Internal Thermal Resistance
Junction–to–Case
RthJC
DC operation
1.00
K/W
Thermal Resistance, Case–to–Sink
RthCS
Mounting surface flat, smooth and
greased
0.25
K/W
Mounting Torque
T
Non–lubricated threads
2.3 – 3.4
(20 – 30)
m
•N
(in
•lb)
Approximate Weight
wt
17 (0.8)
g (oz)


Similar Part No. - NTE6004

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE6005 NTE-NTE6005 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE6006 NTE-NTE6006 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
NTE6007 NTE-NTE6007 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
NTE6008 NTE-NTE6008 Datasheet
20Kb / 2P
   Fast Recovery Rectifier, 40A, 200ns
More results

Similar Description - NTE6004

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE6032 NTE-NTE6032 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 40 Amp
logo
Central Semiconductor C...
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE6128 NTE-NTE6128 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 430 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com