Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7527BN Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN7527BN
Description  FAN7527B Power Factor Correction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7527BN Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN7527BN Datasheet HTML 3Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 4Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 5Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 6Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 7Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 8Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 9Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 10Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAN7527B
7
Typical Performance Characteristics
Figure 1. Error Amplifier Output Voltage
Figure 2. Multiplier Input Voltage
Figure 3. Supply Current vs Supply Voltage
Figure 4. Reference Voltage vs Temperature
Figure 5. Start-Up Threshold vs Temperature
Figure 6. UV Lockout Hysteresis vs Temperature
vs Current Sensing Threshold
vs Current Sensing Threshold
2.02.5
3.03.5
4.04.5
5.0
0.0
0.5
1.0
1.5
2.0
Vm1=4.0V
Vm1=3.5V
Vm1=3.0V Vm1=2.5V Vm1=2.0V
Vm1=1.5V
Vm1=1.0V
Vm1=0.5V
Vm1=0V
Fig.1 E.A. Output Voltage vs. C.S. Threshold
EA Output Voltage(V)
01
2345
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Veao=4.25V
Veao=4.5V
Veao=4.0V Veao=3.75V
Veao=3.5V
Veao=3.25V
Veao=3.0V
Veao=2.75V
Veao=2.5V
Fig.2 Multiplier Input Voltage vs. C.S. Threshold
Multiplier Input Voltage(V)
0
1020
3040
50
0.000
0.003
0.006
0.009
0.012
0.015
Fig.3 Supply Current vs. Supply Voltage
Supply Voltage(V)
-25
0
25
50
75
100
125
2.3
2.4
2.5
2.6
2.7
Fig.4 Reference Voltage vs. Temperature
Temperature (
)
-25
0
25
50
75
100
125
0
2
4
6
8
10
12
14
Fig.5 Start-up Threshold vs. Temperature
Temperature ( )
-25
0
25
50
75
100
125
0
1
2
3
4
5
Fig.6 UV Lockout Hysteresis vs. Temperature
Temperature (
)


Similar Part No. - FAN7527BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
403Kb / 12P
   Power Factor Correction Controller
More results

Similar Description - FAN7527BN

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com