Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7527BMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7527BMX
Description  FAN7527B Power Factor Correction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7527BMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7527BMX Datasheet HTML 1Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 2Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 3Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 4Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 5Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 6Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 7Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 8Page - Fairchild Semiconductor FAN7527BMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN7527B
2
Internal Block Diagram
INV
1
2
Vea(-)
Error Amp
Vref
++++
−−−−
OVP
Current
Detector
Isovp=30uA
Idovp=40uA
++++
−−−−
Vref
Vm2
Vref~Vref+2.5V
2.25V
Static OVP
++++
−−−−
EA_OUT
6
GND
)
(
Vref
2
Vm
1
Vm
Vmo
K
−−−−
⋅⋅⋅⋅
====
Multiplier
++++
−−−−
Vm1
Vmo
0 ~ 3.8V
8pF
40k
++++
−−−−
++++
−−−−
2.5V Ref
Internal
Bias
Timer R
7
Vcc
5
4
3
8
Vcc
Idet
CS
MULT
OUT
Drive
Output
0.25V
Veao(L)=2.25V
R
Q
S
UVLO
7.2V
Zero Current
Detector
Current Sense
Comparator
1.8V
2V 1.5V
11.5V
8.5V


Similar Part No. - FAN7527BMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
403Kb / 12P
   Power Factor Correction Controller
More results

Similar Description - FAN7527BMX

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com