Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT4E30N60B3DS Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HGT4E30N60B3DS
Description  60A, 600V, UFS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT4E30N60B3DS Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HGT4E30N60B3DS Datasheet HTML 1Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 2Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 3Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 4Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 5Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 6Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 7Page - Fairchild Semiconductor HGT4E30N60B3DS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG30N60B3D, HGT4E30N60B3DS Rev. B1
Absolute Maximum Ratings TC =25oC, Unless Otherwise Specified
HGTG30N60B3D,
HGT4E30N60B3DS
UNITS
Collector to Emitter Voltage .. .. .. .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. ..BVCES
600
V
Collector Current Continuous
At TC =25
oC . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. I
C25
60
A
At TC =110
oC . .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. . I
C110
30
A
Average Diode Forward Current at 110oC . .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. IEC(AVG)
25
A
Collector Current Pulsed (Note 1) . .. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. ICM
220
A
Gate to Emitter Voltage Continuous.. .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. VGEM
±30
V
Switching Safe Operating Area at TJ =150
oC (Figure 2) .. .. .. .. .. .. .. .. ... .. .. SSOA
60A at 600V
Power Dissipation Total at TC =25
oC . . . . . . . . . . ... .. .. .. .. .. .. .. .. .. ... .. .. .. .P
D
208
W
Power Dissipation Derating TC >25
oC . .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. .. .
1.67
W/oC
Operating and Storage Junction Temperature Range . .. .. .. .. .. .. .. .. .. ... ..TJ,TSTG
-55to150
oC
Maximum Lead Temperature for Soldering .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. . TL
260
oC
Short Circuit Withstand Time (Note 2) at VGE = 12V.. .. .. .. .. .. .. .. .. .. ... .. .. .. .tSC
4
µs
Short Circuit Withstand Time (Note 2) at VGE = 10V.. .. .. .. .. .. .. .. .. .. ... .. .. .. .tSC
10
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. VCE(PK) =360V, TJ = 125
oC, R
G =3Ω.
Electrical Specifications
TC =25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC =250µA, VGE =0V
600
-
-
V
Collector to Emitter Leakage Current
ICES
VCE =BVCES
TC =25
oC
-
-
250
µA
TC =150
oC-
-
3
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC =IC110,
VGE =15V
TC =25
oC
-
1.45
1.9
V
TC =150
oC-
1.7
2.1
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC =250µA, VCE =VGE
4.2
5
6
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ =150
oC, R
G =3Ω,
VGE =15V, L =100µH
VCE (PK) = 480V
200
-
-
A
VCE (PK) =600V
60
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC =IC110,VCE =0.5 BVCES
-7.2
-
V
On-State Gate Charge
QG(ON)
IC =IC110,
VCE =0.5 BVCES
VGE = 15V
-
170
190
nC
VGE = 20V
-
230
250
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ =25
oC,
ICE =IC110,
VCE =0.8 BVCES,
VGE =15V,
RG =3Ω,
L=1mH ,
Test Circuit (Figure 19)
-36
-
ns
Current Rise Time
trI
-25
-
ns
Current Turn-Off Delay Time
td(OFF)I
-137
-
ns
Current Fall Time
tfI
-58
-
ns
Turn-On Energy
EON
-
550
800
µJ
Turn-Off Energy (Note 3)
EOFF
-
680
900
µJ
HGTG30N60B3D, HGT4E30N60B3DS


Similar Part No. - HGT4E30N60B3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT4E20N60A4DS FAIRCHILD-HGT4E20N60A4DS Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGT4E30N60B3DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60B3 INTERSIL-HGTG30N60B3 Datasheet
105Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60B3D INTERSIL-HGTG30N60B3D Datasheet
109Kb / 7P
   60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com