Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ8043 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ8043
Description  MAZ8xxx Series (MA8000 Series) Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8043 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ8043 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MAZ8xxx Series
SKE00007CED
1
10
102
10−1
102
10
1
10−1
10−2
Pulse width t
W (ms)
MAZ8039
MAZ8075
Ta
= 25°C
tW
Non repetitive
PZSM
10−1
1
10
10−2
102
10
1
10−1
10−2
Pulse width t
W (s)
With head sink (Typ. value)
Without heat sink (Typ. value)
Heat sink
Copper foil 0.8 mm
× 0.8 mm
PZSM  tW
Zth  tW
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MAZ8043

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8043 PANASONIC-MAZ8043 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043 PANASONIC-MAZ8043 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8043-H PANASONIC-MAZ8043-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043-L PANASONIC-MAZ8043-L Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043-M PANASONIC-MAZ8043-M Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8043

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
UNR4121 PANASONIC-UNR4121 Datasheet
152Kb / 7P
   UNR412x Series (UN412x Series) Silicon PNP epitaxial planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com