Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQ9P6 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVQ9P6
Description  Light Touch Switches/EVQP6/6P6/7P6/9P6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ9P6 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVQ9P6 Datasheet HTML 1Page - Panasonic Semiconductor EVQ9P6 Datasheet HTML 2Page - Panasonic Semiconductor EVQ9P6 Datasheet HTML 3Page - Panasonic Semiconductor EVQ9P6 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Light Touch Switches/EVQP6/6P6/7P6/9P6
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES69 –
T
W
A
E
C
D
r
t
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
0.3 mm max.
Without Push Plate
With Push Plate
Switch
Mounting surface
Test pole
Leaning angle range
90
°±4 °
(vertical direction)
φ1.5
1.3
R0.1
±0.05
Slant 0.3 mm max.
Without Push Plate
With Push Plate
R0.1
±0.05
R0.1
±0.05
φ0.8
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Standard Reel Dimensions in mm (not to scale)
Recommended Operating Conditions
Recommended Shape of Test Pole
Recommended Reflow Soldering Conditions
Embossed Carrier Taping
Unit: mm
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVQP6
0.35/0.58
4.0±0.2
5.0±0.2
12.0
+0.3
5.5±0.1
1.75±0.10
8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.30±0.05 0.5/0.7
+0.2
EVQ6P6
EVQ7P6
EVQ9P6
0.43
–0
–0.1
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0±1.0 φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
13.5±1.5
17.5±1.0
1.0 to 3.0
1.0±0.5
–0.1
Oct. 2012
00


Similar Part No. - EVQ9P6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ9P6 PANASONIC-EVQ9P6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
More results

Similar Description - EVQ9P6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com