Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQ9P105M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQ9P105M
Description  6 mm Square Long Travel SMD Light Touch Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ9P105M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQ9P105M Datasheet HTML 1Page - Panasonic Semiconductor EVQ9P105M Datasheet HTML 2Page - Panasonic Semiconductor EVQ9P105M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQP0/P1/9P
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES146 –
E
1
V
2
Q
3
4
05
M
567
8
9
4th, 5th, 6th
P1K
P1Y
P19
P1F
P1D
P04
9P1
Operating Force
2.2 N
2.5 N
1.6 N
2.0 N
2.5 N
3.0 N
3.5 N
Travel
1.0 mm
1.3 mm
7th & 8th
05
Height from Bottom to Knob Top
5.0 mm
9th
M
Push Plate Color
Natural
Specifications
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 50 mA 12 Vdc (Resistive load)
Contact Resistance
100 m
max.
Insulation Resistance
100 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
10 ms max. (ON, OFF)
Mechanical
Operating Force
1.6 N±0.5 N, 2.0 N±0.6 N
2.5 N±0.6 N
3.0 N±0.8 N
3.5 N±1.0 N
2.2 N±0.6 N
2.5 N±0.6 N
Travel
1.3 mm±0.2 mm
1.0 mm±0.2 mm
Endurance
Operating Life
3.5 N type: 30000 cycles min.
1.6 N, 2.0 N, 2.2 N, 2.5 N, 3.0 N types: 100000 cycles min.
Operating Temperature
–40 °C to +85 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
2000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
10000 pcs.
Features
External dimensions : 6.0 mm 6.1 mm, Height 5.0 mm
(Including the push plate)
Steady and low contact resistance (100 mΩ max.)
Excellent solderability (J-bent-type terminals)
6 mm Square Long Travel SMD
Light Touch Switches
Type:
EVQP0/EVQP1/EVQ9P
Explanation of Part Numbers
Recommended Applications
Operating switches for car electronic equipment.
Input on operating switches for telephones, electronic
musical instruments, etc.
Oct. 2012
00


Similar Part No. - EVQ9P105M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ9P105M PANASONIC-EVQ9P105M Datasheet
76Kb / 3P
   Light Touch Switches/EVQP0/P1/9P
More results

Similar Description - EVQ9P105M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
   6 mm Square Long Travel SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
   6 mm Square Long Travel 2R Light Touch Switches
EVPASCB1A PANASONIC-EVPASCB1A Datasheet
345Kb / 9P
   6 mm Square Long Travel 2 terminals SMD Light Touch Switches
EVQ-QJJ05Q PANASONIC-EVQ-QJJ05Q Datasheet
70Kb / 2P
   8 mm Square Long Travel 2R Light Touch Switches
EVPAD PANASONIC-EVPAD Datasheet
72Kb / 2P
   10 mm Square Center Space Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQP0 PANASONIC-EVQP0 Datasheet
187Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
   6 mm Square Thin Type SMD Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com