Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRF18BG471QS5RB Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PRF18BG471QS5RB
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BG471QS5RB Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PRF18BG471QS5RB Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PRF18BG471QS5RB Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
5
DESIGN ENGINEERING KITS
No.
Description
Murata Global P/N
Qty.
1
01005/C0G/0.20pF/16V
GRM0225C1CR20BD05
20
2
01005/C0G/0.30pF/16V
GRM0225C1CR30BD05
20
3
01005/C0G/0.40pF/16V
GRM0225C1CR40BD05
20
4
01005/C0G/0.50pF/16V
GRM0225C1CR50BD05
20
5
01005/C0G/0.60pF/16V
GRM0225C1CR60BD05
20
6
01005/C0G/0.70pF/16V
GRM0225C1CR70BD05
20
7
01005/C0G/0.80pF/16V
GRM0225C1CR80BD05
20
8
01005/C0G/0.90pF/16V
GRM0225C1CR90BD05
20
9
01005/C0G/1.0pF/16V
GRM0225C1C1R0CD05
20
10
01005/C0G/1.2pF/16V
GRM0225C1C1R2CD05
20
11
01005/C0G/1.5pF/16V
GRM0225C1C1R5CD05
20
12
01005/C0G/1.8pF/16V
GRM0225C1C1R8CD05
20
13
01005/C0G/2.0pF/16V
GRM0225C1C2R0CD05
20
14
01005/C0G/2.2pF/16V
GRM0225C1C2R2CD05
20
15
01005/C0G/2.7pF/16V
GRM0225C1C2R7CD05
20
16
01005/C0G/3.0pF/16V
GRM0225C1C3R0CD05
20
17
01005/C0G/3.3pF/16V
GRM0225C1C3R3CD05
20
18
01005/C0G/3.9pF/16V
GRM0225C1C3R9CD05
20
19
01005/C0G/4.0pF/16V
GRM0225C1C4R0CD05
20
20
01005/C0G/4.7pF/16V
GRM0225C1C4R7CD05
20
21
01005/C0G/5.0pF/16V
GRM0225C1C5R0CD05
20
22
01005/C0G/5.6pF/16V
GRM0225C1C5R6DD05
20
23
01005/C0G/6.0pF/16V
GRM0225C1C6R0DD05
20
24
01005/C0G/6.8pF/16V
GRM0225C1C6R8DD05
20
25
01005/C0G/7.0pF/16V
GRM0225C1C7R0DD05
20
26
01005/C0G/8.0pF/16V
GRM0225C1C8R0DD05
20
27
01005/C0G/8.2pF/16V
GRM0225C1C8R2DD05
20
28
01005/C0G/9.0pF/16V
GRM0225C1C9R0DD05
20
29
01005/C0G/10pF/16V
GRM0225C1C100JD05
20
30
01005/C0G/12pF/16V
GRM0225C1C120JD05
20
31
01005/C0G/15pF/16V
GRM0225C1C150JD05
20
32
01005/C0G/18pF/16V
GRM0225C1C180JD05
20
33
01005/C0G/22pF/16V
GRM0225C1C220JD05
20
34
01005/C0G/27pF/16V
GRM0225C1C270JD05
20
35
01005/C0G/33pF/16V
GRM0225C1C330JD05
20
36
01005/C0G/39pF/16V
GRM0225C1C390JD05
20
37
01005/C0G/47pF/16V
GRM0225C1C470JD05
20
38
01005/C0G/56pF/6.3V
GRM0225C0J560JD05
20
39
01005/C0G/68pF/6.3V
GRM0225C0J680JD05
20
40
01005/C0G/82pF/6.3V
GRM0225C0J820JD05
20
41
01005/C0G/100pF/6.3V
GRM0225C0J101JD05
20
42
01005/X7R/101pF/10V
GRM022R71A101KA01
20
43
01005/X7R/151pF/10V
GRM022R71A151KA01
20
44
01005/X7R/221pF/10V
GRM022R71A221KA01
20
45
01005/X7R/331pF/10V
GRM022R71A331KA01
20
46
01005/X7R/471pF/10V
GRM022R71A471KA01
20
47
01005/X5R/680pF/6.3V
GRM022R60J681KE19
20
48
01005/X5R/1000pF/6.3V
GRM022R60J102KE19
20
49
01005/X5R/1500pF/6.3V
GRM022R60J152KE19
20
50
01005/X5R/2200pF/6.3V
GRM022R60J222KE19
20
51
01005/X5R/3300pF/6.3V
GRM022R60J332KE19
20
52
01005/X5R/4700pF/6.3V
GRM022R60J472KE19
20
53
01005/X5R/6800pF/6.3V
GRM022R60J682KE19
20
54
01005/X5R/10000pF/6.3V
GRM022R60J103KE19
20
GENERAL CERAMIC CHIP CAPACITORS
01005 (6.3 to 16 VDC)
0201 (4 to 25 VDC)
I
ULTRA Small chip size, 01005 (L: 0.4 x W: 0.2 x T: 0.2mm).
I
Temperature characteristics: C0G, X7R and X5R
I
No polarity
I
GRM022 series is suited to only reflow soldering.
I
GRM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
Stringent dimensional tolerances allow highly reliable, high-speed
automatic chip placement on PCBs.
I
GRM022 series is suited to miniature microwave module,
portable equipment and high-frequency circuit.
GRM02-KIT– – – – – – – – E
I
VERY Small chip size, 0201 (L: 0.6 x W: 0.3 x T: 0.3mm).
I
Temperature characteristics: C0G, U2J, X7R, X6S and X5R
I
No polarity
I
GRM033 series is suited to only reflow soldering.
I
GRM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
Stringent dimensional tolerances allow highly reliable, high-speed
automatic chip placement on PCBs.
I
GRM033 series is suited to miniature microwave module,
portable equipment and high-frequency circuit.
No.
Description
Murata Global P/N
Qty.
1
0201/C0G/0.50pF/25V
GRM0335C1ER50BZ01
20
2
0201/C0G/1.0pF/25V
GRM0335C1E1R0CD01
20
3
0201/C0G/1.2pF/25V
GRM0335C1E1R2CD01
20
4
0201/C0G/1.5pF/25V
GRM0335C1E1R5CD01
20
5
0201/C0G/1.8pF/25V
GRM0335C1E1R8CD01
20
6
0201/C0G/2.0pF/25V
GRM0335C1E2R0CD01
20
7
0201/C0G/2.2pF/25V
GRM0335C1E2R2CD01
20
8
0201/C0G/2.7pF/25V
GRM0335C1E2R7CD01
20
9
0201/C0G/3.0pF/25V
GRM0335C1E3R0CD01
20
10
0201/C0G/3.3pF/25V
GRM0335C1E3R3CD01
20
11
0201/C0G/3.9pF/25V
GRM0335C1E3R9CD01
20
12
0201/C0G/4.0pF/25V
GRM0335C1E4R0CD01
20
13
0201/C0G/4.7pF/25V
GRM0335C1E4R7CD01
20
14
0201/C0G/5.0pF/25V
GRM0335C1E5R0CD01
20
15
0201/C0G/5.6pF/25V
GRM0335C1E5R6DD01
20
16
0201/C0G/6.0pF/25V
GRM0335C1E6R0DD01
20
17
0201/C0G/6.8pF/25V
GRM0335C1E6R8DD01
20
18
0201/C0G/7.0pF/25V
GRM0335C1E7R0DD01
20
19
0201/C0G/8.0pF/25V
GRM0335C1E8R0DD01
20
20
0201/C0G/8.2pF/25V
GRM0335C1E8R2DD01
20
21
0201/C0G/9.0pF/25V
GRM0335C1E9R0DD01
20
22
0201/C0G/10pF/25V
GRM0335C1E100JD01
20
23
0201/C0G/12pF/25V
GRM0335C1E120JD01
20
24
0201/C0G/15pF/25V
GRM0335C1E150JD01
20
25
0201/C0G/18pF/25V
GRM0335C1E180JD01
20
26
0201/C0G/22pF/25V
GRM0335C1E220JD01
20
27
0201/C0G/27pF/25V
GRM0335C1E270JD01
20
28
0201/C0G/33pF/25V
GRM0335C1E330JD01
20
29
0201/C0G/39pF/25V
GRM0335C1E390JD01
20
30
0201/C0G/47pF/25V
GRM0335C1E470JD01
20
31
0201/C0G/56pF/25V
GRM0335C1E560JD01
20
32
0201/C0G/68pF/25V
GRM0335C1E680JD01
20
33
0201/C0G/82pF/25V
GRM0335C1E820JD01
20
34
0201/C0G/100pF/25V
GRM0335C1E101JD01
20
35
0201/X7R/100pF/25V
GRM033R71E101KA01
20
36
0201/X7R/150pF/25V
GRM033R71E151KA01
20
37
0201/X7R/220pF/25V
GRM033R71E221KA01
20
38
0201/X7R/330pF/25V
GRM033R71E331KA01
20
39
0201/X7R/470pF/25V
GRM033R71E471KA01
20
40
0201/X7R/680pF/25V
GRM033R71E681KA01
20
41
0201/X7R/1000pF/25V
GRM033R71E102KA01
20
42
0201/X5R/1500pF/10V
GRM033R61A152KA01
20
43
0201/X5R/2200pF/10V
GRM033R61A222KA01
20
44
0201/X5R/3300pF/10V
GRM033R61A332KA01
20
45
0201/X5R/4700pF/10V
GRM033R61A472KA01
20
46
0201/X5R/6800pF/10V
GRM033R61A682KA01
20
47
0201/X5R/10000pF/10V
GRM033R61A103KA01
20
48
0201/X5R/22000pF/6.3V
GRM033R60J223KE01
20
49
0201/X5R/33000pF/6.3V
GRM033R60J333KE01
20
50
0201/X5R/47000pF/6.3V
GRM033R60J473KE19
20
51
0201/X5R/0.1uF/6.3V
GRM033R60J104KE19
20
52
0201/X5R/0.22uF/4V
GRM033R60J224ME15
20
GRM03-KIT– – – – – – – – E
NOTE: For Ceramic Chip Capacitors, dashes are part of the
part number and must be included when placing an order.


Similar Part No. - PRF18BG471QS5RB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18BG471QS5RB MURATA-PRF18BG471QS5RB Datasheet
226Kb / 3P
   PTC Thermistors
logo
Murata Manufacturing Co...
PRF18BG471QS5RB MURATA1-PRF18BG471QS5RB Datasheet
470Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BG471QS5RB MURATA1-PRF18BG471QS5RB Datasheet
513Kb / 3P
   Temperature Sensors
01/31/2024
PRF18BG471QS5RB MURATA1-PRF18BG471QS5RB_V01 Datasheet
470Kb / 3P
   PTC for Temperature Sensor
12/06/2022
PRF18BG471QS5RB MURATA1-PRF18BG471QS5RB_V02 Datasheet
513Kb / 3P
   Temperature Sensors
01/31/2024
More results

Similar Description - PRF18BG471QS5RB

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com